Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0L4UG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD5V0L4UG
Description  Low capacitance unidirectional quadruple ESD protection diode arrays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0L4UG Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD5V0L4UG Datasheet HTML 1Page - NXP Semiconductors PESD5V0L4UG Datasheet HTML 2Page - NXP Semiconductors PESD5V0L4UG Datasheet HTML 3Page - NXP Semiconductors PESD5V0L4UG Datasheet HTML 4Page - NXP Semiconductors PESD5V0L4UG Datasheet HTML 5Page - NXP Semiconductors PESD5V0L4UG Datasheet HTML 6Page - NXP Semiconductors PESD5V0L4UG Datasheet HTML 7Page - NXP Semiconductors PESD5V0L4UG Datasheet HTML 8Page - NXP Semiconductors PESD5V0L4UG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
PESDXL4UF_G_W_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 28 February 2008
5 of 17
NXP Semiconductors
PESDxL4UF/G/W
Low capacitance unidirectional quadruple ESD protection diode arrays
6.
Characteristics
Fig 1.
8/20
µs pulse waveform according to
IEC 61000-4-5
Fig 2.
ESD pulse waveform according to
IEC 61000-4-2
t (
µs)
040
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e−t
100 % IPP; 8 µs
50 % IPP; 20 µs
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns
Table 9.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
PESD3V3L4UF
PESD3V3L4UG
PESD3V3L4UW
-
-
3.3
V
PESD5V0L4UF
PESD5V0L4UG
PESD5V0L4UW
-
-
5.0
V
IRM
reverse leakage current
PESD3V3L4UF
PESD3V3L4UG
PESD3V3L4UW
VRWM = 3.3 V
-
75
300
nA
PESD5V0L4UF
PESD5V0L4UG
PESD5V0L4UW
VRWM = 5.0 V
-
5
25
nA
VBR
breakdown voltage
IR =1mA
PESD3V3L4UF
PESD3V3L4UG
PESD3V3L4UW
5.32
5.6
5.88
V
PESD5V0L4UF
PESD5V0L4UG
PESD5V0L4UW
6.46
6.8
7.14
V


Similar Part No. - PESD5V0L4UG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L4UG PHILIPS-PESD5V0L4UG Datasheet
89Kb / 9P
   Low capacitance quadruple ESD protection diode array in SOT353 package
2004 Mar 23
PESD5V0L4UG NXP-PESD5V0L4UG Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Shanghai Leiditech Elec...
PESD5V0L4UG LEIDITECH-PESD5V0L4UG Datasheet
820Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
logo
Nexperia B.V. All right...
PESD5V0L4UG NEXPERIA-PESD5V0L4UG Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
PESD5V0L4UG NEXPERIA-PESD5V0L4UG Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
More results

Similar Description - PESD5V0L4UG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESDXL4UF PHILIPS-PESDXL4UF Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESDXL4UF NEXPERIA-PESDXL4UF Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
logo
NXP Semiconductors
PESDXV4UK PHILIPS-PESDXV4UK Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1-25 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com