Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3V3L4UW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD3V3L4UW
Description  Low capacitance unidirectional quadruple ESD protection diode arrays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD3V3L4UW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD3V3L4UW Datasheet HTML 2Page - NXP Semiconductors PESD3V3L4UW Datasheet HTML 3Page - NXP Semiconductors PESD3V3L4UW Datasheet HTML 4Page - NXP Semiconductors PESD3V3L4UW Datasheet HTML 5Page - NXP Semiconductors PESD3V3L4UW Datasheet HTML 6Page - NXP Semiconductors PESD3V3L4UW Datasheet HTML 7Page - NXP Semiconductors PESD3V3L4UW Datasheet HTML 8Page - NXP Semiconductors PESD3V3L4UW Datasheet HTML 9Page - NXP Semiconductors PESD3V3L4UW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PESDXL4UF_G_W_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 28 February 2008
6 of 17
NXP Semiconductors
PESDxL4UF/G/W
Low capacitance unidirectional quadruple ESD protection diode arrays
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[2]
For PESDxL4UF measured from pin 1, 3, 4 or 6 to pin 2 or 5.
[3]
For PESDxL4UG and PESDxL4UW measured from pin 1, 3, 4 or 5 to pin 2.
Cd
diode capacitance
f = 1 MHz;
VR =0V
PESD3V3L4UF
PESD3V3L4UG
PESD3V3L4UW
-
2228pF
PESD5V0L4UF
PESD5V0L4UG
PESD5V0L4UW
-
1619pF
VCL
clamping voltage
[1][2][3]
PESD3V3L4UF
PESD3V3L4UG
PESD3V3L4UW
IPP = 1 A
--8
V
PESD3V3L4UF
PESD3V3L4UG
PESD3V3L4UW
IPP = 3 A
--12
V
PESD5V0L4UF
PESD5V0L4UG
PESD5V0L4UW
IPP = 1 A
--10
V
PESD5V0L4UF
PESD5V0L4UG
PESD5V0L4UW
IPP = 2.5 A
-
-
13
V
rdif
differential resistance
IR =1mA
PESD3V3L4UF
PESD3V3L4UG
PESD3V3L4UW
-
-
200
PESD5V0L4UF
PESD5V0L4UG
PESD5V0L4UW
-
-
100
Table 9.
Characteristics …continued
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - PESD3V3L4UW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L4UW PHILIPS-PESD3V3L4UW Datasheet
85Kb / 9P
   Low capacitance quadruple ESD protection array
2004 Apr 06
PESD3V3L4UW NXP-PESD3V3L4UW Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESD3V3L4UW NEXPERIA-PESD3V3L4UW Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
PESD3V3L4UW NEXPERIA-PESD3V3L4UW Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
More results

Similar Description - PESD3V3L4UW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESDXL4UF PHILIPS-PESDXL4UF Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESDXL4UF NEXPERIA-PESDXL4UF Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
logo
NXP Semiconductors
PESDXV4UK PHILIPS-PESDXV4UK Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1-25 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com