Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0L4UW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PESD5V0L4UW
Description  Low capacitance unidirectional quadruple ESD protection diode arrays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0L4UW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PESD5V0L4UW Datasheet HTML 5Page - NXP Semiconductors PESD5V0L4UW Datasheet HTML 6Page - NXP Semiconductors PESD5V0L4UW Datasheet HTML 7Page - NXP Semiconductors PESD5V0L4UW Datasheet HTML 8Page - NXP Semiconductors PESD5V0L4UW Datasheet HTML 9Page - NXP Semiconductors PESD5V0L4UW Datasheet HTML 10Page - NXP Semiconductors PESD5V0L4UW Datasheet HTML 11Page - NXP Semiconductors PESD5V0L4UW Datasheet HTML 12Page - NXP Semiconductors PESD5V0L4UW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PESDXL4UF_G_W_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 28 February 2008
9 of 17
NXP Semiconductors
PESDxL4UF/G/W
Low capacitance unidirectional quadruple ESD protection diode arrays
Fig 8.
ESD clamping test setup and waveforms
006aab138
50
RZ
CZ
vertical scale = 200 V/div
horizontal scale = 50 ns/div
unclamped +1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped +1 kV ESD voltage waveform
(IEC 61000-4-2 network)
unclamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 5 V/div
horizontal scale = 50 ns/div
GND
GND
GND2
GND1
GND
450
RG 223/U
50
Ω coax
ESD TESTER
IEC 61000-4-2 network
CZ = 150 pF; RZ = 330 Ω
DIGITIZING
OSCILLOSCOPE
10
×
ATTENUATOR
(1)
DUT
DEVICE
UNDER
TEST
vertical scale = 5 V/div
horizontal scale = 50 ns/div
(1): attenuator is only used for open
socket high voltage measurements
PESD5V0L4UF/G/W
PESD3V3L4UF/G/W


Similar Part No. - PESD5V0L4UW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L4UW PHILIPS-PESD5V0L4UW Datasheet
85Kb / 9P
   Low capacitance quadruple ESD protection array
2004 Apr 06
PESD5V0L4UW NXP-PESD5V0L4UW Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESD5V0L4UW NEXPERIA-PESD5V0L4UW Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
PESD5V0L4UW NEXPERIA-PESD5V0L4UW Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
TECH PUBLIC Electronics...
PESD5V0L4UW TECHPUBLIC-PESD5V0L4UW Datasheet
1Mb / 4P
   Low-Capacitance Array with ±15-kV ESD Protection
More results

Similar Description - PESD5V0L4UW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESDXL4UF PHILIPS-PESDXL4UF Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESDXL4UF NEXPERIA-PESDXL4UF Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
logo
NXP Semiconductors
PESDXV4UK PHILIPS-PESDXV4UK Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1-25 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com