Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COADMG Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # COADMG
Description  Single Channel CWDM OADM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

COADMG Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  COADMG Datasheet HTML 1Page - OPLINK Communications Inc. COADMG Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
CWDMOADMG Series
Min
Typical
Max
Unit
Working Wavelength Range
1464~1618
nm
Center Wavelength λ
C
ITU Grid
nm
Channel Spacing
20
nm
Passband Bandwidth
λ
C ± 6.5
nm
Insertion Loss 1)
Add/Drop
0.35
0.45
dB
Express
0.60
0.70
Polarization Dependent Loss (PDL)
0.20
dB
Passband Ripple
0.25
dB
Adjacent Channel Isolation
30
dB
Non-adjacent Channel Isolation
40
dB
Express Channel Isolation
20
dB
Polarization Mode Dispersion (PMD)
0.20
ps
Return Loss
45
dB
Directivity
50
dB
Operating Power
500
mW
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Corning SMF-28
Package Dimensions 3)
125 x 90 x 8
mm
Applications
Performance Specificationns
Center Channel Wavelength Table (nm, ITU Grid):ns
Note:
1)
The maximum IL is under all states of polarization and within the full operating temperature and wavele ngth
ranges specified..
2)
All the parameters are excluding connectors.
3)
The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified.
1471.0
1491.0
1511.0
1531.0
1551.0
1571.0
1591.0
1611.0
S0006 - R03. 20100615
Green Single Channel CWDM OADM
(2x2)
COADMG 2x2 Series
Oplink’s Optical Add/Drop Multiplexer is based on patented athermal plat-
form for optical device.This multiplexer features ultra low insertion loss, super
thermal stability, and unparallel reliability.The technology is a lead-free packag-
ing platform and no epoxy in the optical path. Green CWDM is Telcordia GR-
1221and GR-1209 tested, qualified for uncontrolled environment applications
and complied with industry green initiatives such as RoHS and WEEE.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
Environmental Green Plan
Compliance
Ultra-Low Insertion Loss
Narrow Down Distribution
Super Thermal Stability
Highly Reliability
High Channel Isolation
Epoxy-free Optical Path
Add/Drop Channels
WDM Systems


Similar Part No. - COADMG

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
COADMG_2X2-S0006 OPLINK-COADMG_2X2-S0006 Datasheet
291Kb / 2P
   Green Single Channel CWDM OADM
More results

Similar Description - COADMG

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CWDMG OPLINK-CWDMG Datasheet
188Kb / 2P
   Single Channel CWDM OADM
COADMG_2X2-S0006 OPLINK-COADMG_2X2-S0006 Datasheet
291Kb / 2P
   Green Single Channel CWDM OADM
OADMG1-1X2 OPLINK-OADMG1-1X2 Datasheet
219Kb / 2P
   Single Channel OADM
OADMG2-1X2 OPLINK-OADMG2-1X2 Datasheet
293Kb / 2P
   Single Channel OADM
OADMG1-2X2 OPLINK-OADMG1-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
OADMG2-2X2 OPLINK-OADMG2-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
logo
Finisar Corporation.
FWSF-OADM-4-1 FINISAR-FWSF-OADM-4-1 Datasheet
218Kb / 3P
   CWDM OADM-4 Plug-in Module
OADMF-4-1-LC FINISAR-OADMF-4-1-LC Datasheet
113Kb / 2P
   CWDM OADM-4 Optibox Module
OADMF-1-47-LC FINISAR-OADMF-1-47-LC Datasheet
111Kb / 2P
   CWDM OADM-1 Optibox Module
FWSF-OADM-1-47 FINISAR-FWSF-OADM-1-47 Datasheet
169Kb / 3P
   CWDM OADM-1 Plug-in Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com