Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25066I Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM25066I
Description  Intel Node Manager Compliant System Power Management and Protection IC with PMBus
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066I Datasheet(HTML) 5 Page - Texas Instruments

  LM25066I Datasheet HTML 1Page - Texas Instruments LM25066I Datasheet HTML 2Page - Texas Instruments LM25066I Datasheet HTML 3Page - Texas Instruments LM25066I Datasheet HTML 4Page - Texas Instruments LM25066I Datasheet HTML 5Page - Texas Instruments LM25066I Datasheet HTML 6Page - Texas Instruments LM25066I Datasheet HTML 7Page - Texas Instruments LM25066I Datasheet HTML 8Page - Texas Instruments LM25066I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
LM25066I, LM25066IA
www.ti.com
SNVS824C – JUNE 2012 – REVISED MARCH 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +85°C unless otherwise stated. Minimum and Maximum limits are specified through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 12V. See
(1) and
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FB Pin
FBTH
FB Threshold
VFB rising
1.141
1.167
1.19
V
FBHYS
FB Hysteresis Current
-31
-24
-18
µA
FBLEAK
Off Leakage Current
VFB = 1V
1
µA
Power Limit (PWR Pin)
PWRLIM
Power limit sense voltage (VIN-SENSE)
SENSE-OUT = 12V, RPWR = 25 kΩ
9
12.5
15
mV
IPWR
PWR pin current
VPWR = 2.5V
-10
µA
RSAT(PWR)
PWR pin impedance when disabled
UVLO = 0.7V
180
Gate Control (GATE Pin)
IGATE
Source current
Normal operation
-28
-22
-16
µA
Fault Sink current
UVLO = 1V
1.5
2
2.5
mA
POR Circuit Breaker sink current
VIN - SENSE = 150 mV or VIN < RPOR,
105
190
275
mA
VGATE = 5V
VGATE
Gate output voltage in normal operation
GATE voltage with respect to ground
17
18.8
20.3
V
OUT Pin
IOUT-EN
OUT bias current, enabled
OUT = VIN, normal operation
16
µA
IOUT-DIS
OUT bias current, disabled (2)
Disabled, OUT = 0V, SENSE = VIN
-12
µA
Current Limit
VCL
Threshold voltage
CL = GND
22.5
25
27.5
mV
CL = GND, TJ = 10°C to 85°C
23
25
27
CL = VDD
41
46
52
tCL
Response time
VIN-SENSE stepped from 0 mV to 80 mV
1.2
µs
ISENSE
SENSE input current
Enabled, SENSE = OUT
33
µA
Disabled, OUT = 0V
46
Enabled, OUT = 0V
45
Circuit Breaker
VCB
Threshold voltage x 1.8
VIN - SENSE, CL = GND, CB = GND
35
45
55
mV
CB:CL Ratio
CB = GND
1.6
1.8
2
VCB
Threshold voltage x 3.6
VIN - SENSE, CL = GND, CB = VDD
70
90
110
mV
CB:CL Ratio
CB = VDD
3.1
3.6
4
tCB
Response time
VIN - SENSE stepped from 0 mV to 150
0.6
1.2
µs
mV, time to GATE low, no load
Timer (TIMER pin)
VTMRH
Upper threshold
1.54
1.7
1.85
V
VTMRL
Lower threshold
Restart cycles
0.85
1.0
1.07
V
End of 8th cycle
0.3
V
Re-enable threshold
0.3
V
ITIMER
Insertion time current
TIMER pin = 2V
-8
-5.5
-3
µA
Sink current, end of insertion time
1.4
1.9
2.4
mA
Fault detection current
-120
-90
-60
µA
Fault sink current
2.8
µA
DCFAULT
Fault Restart Duty Cycle
0.67
%
tFAULT_DELAY
Fault to GATE low delay
TIMER pin reaches the upper threshold
17
µs
(2)
OUT bias current (disabled) due to leakage current through an internal 0.9 M
Ω resistance from SENSE to VOUT.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25066I LM25066IA


Similar Part No. - LM25066I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066I TI1-LM25066I Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IA TI1-LM25066IA Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQ/NOPB TI1-LM25066IAPSQ/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQE/NOPB TI1-LM25066IAPSQE/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQX/NOPB TI1-LM25066IAPSQX/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
More results

Similar Description - LM25066I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
[Old version datasheet]   32-Rail PMBus Power Sequencer and System Manager
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com