Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25066IA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM25066IA
Description  Intel Node Manager Compliant System Power Management and Protection IC with PMBus
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066IA Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM25066IA Datasheet HTML 4Page - Texas Instruments LM25066IA Datasheet HTML 5Page - Texas Instruments LM25066IA Datasheet HTML 6Page - Texas Instruments LM25066IA Datasheet HTML 7Page - Texas Instruments LM25066IA Datasheet HTML 8Page - Texas Instruments LM25066IA Datasheet HTML 9Page - Texas Instruments LM25066IA Datasheet HTML 10Page - Texas Instruments LM25066IA Datasheet HTML 11Page - Texas Instruments LM25066IA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
-60 -40 -20 0
20 40 60 80 100 120 140
-18
-16
-14
-12
-10
-8
-6
-4
-2
TEMPERATURE (°C)
VIN = 17V
VIN = 2.9V
VIN = 12V
-60 -40 -20 0
20 40 60 80 100 120 140
6
8
10
12
14
16
18
20
TEMPERATURE (°C)
VIN = 17V
VIN = 9V
VIN = 5V
VIN = 12V
VIN = 2.9V
-40 -20
0
20
40
60
80 100 120
34
36
38
40
42
44
46
48
50
52
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 2.9V
-60 -40 -20 0
20 40 60 80 100 120 140
4
8
12
16
20
24
28
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 2.9V
-60 -40 -20 0 20 40 60 80 100120140
30
34
38
42
46
50
54
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 2.9V
-40 -20
0
20 40 60 80 100 120 140
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 3V
LM25066I, LM25066IA
SNVS824C – JUNE 2012 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 12V. All graphs show junction temperature.
VIN Pin Current
SENSE Pin Current (Enabled)
Figure 1.
Figure 2.
SENSE Pin Current (Disabled)
OUT Pin Current (Enabled)
Figure 3.
Figure 4.
OUT Pin Current (Disabled)
GATE Pin Voltage
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM25066I LM25066IA


Similar Part No. - LM25066IA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066IA TI1-LM25066IA Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQ/NOPB TI1-LM25066IAPSQ/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQE/NOPB TI1-LM25066IAPSQE/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQX/NOPB TI1-LM25066IAPSQX/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
More results

Similar Description - LM25066IA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
[Old version datasheet]   32-Rail PMBus Power Sequencer and System Manager
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com