Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34923 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM34923
Description  80V, 600 mA Constant On-Time Buck Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM34923 Datasheet(HTML) 4 Page - Texas Instruments

  LM34923 Datasheet HTML 1Page - Texas Instruments LM34923 Datasheet HTML 2Page - Texas Instruments LM34923 Datasheet HTML 3Page - Texas Instruments LM34923 Datasheet HTML 4Page - Texas Instruments LM34923 Datasheet HTML 5Page - Texas Instruments LM34923 Datasheet HTML 6Page - Texas Instruments LM34923 Datasheet HTML 7Page - Texas Instruments LM34923 Datasheet HTML 8Page - Texas Instruments LM34923 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM34923
SNVS695 – MARCH 2011
www.ti.com
Electrical Characteristics
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 48V
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC Supply
Vcc Reg
Vcc Regulator Output
Vin = 48V
7.1
7.5
7.9
V
Vin – Vcc
VIN = 6V, ICC = 5mA
240
mV
Vcc Output Impedance
Vin =6V
45
Vcc Current Limit
Vin = 48V (Note 4)
20
30
mA
Vcc UVLO
Vcc Increasing
4
4.8
V
Vcc UVLO hysteresis
450
mV
Iin Operating current
FB = 3V, Vin = 48V
1
1.32
mA
Iin Shutdown Current
RT/SD = 0V
20
70
µA
Switch Characteristics
Buckswitch Rds(on)
Itest = 200 mA
0.56
1.1
Gate Drive UVLO
Vbst – Vsw Rising
2.15
3
3.8
V
Gate Drive UVLO hysteresis
250
mV
Pre-charge switch voltage
At 1 mA
0.8
V
Pre-charge switch on-time
150
ns
Current Limit
Current Limit Threshold
700
1175
1500
mA
Current Limit Response Time
Iswitch = 1.24A, Time to
190
ns
Switch Off
TOFF-1
OFF time generator (test 1)
FB=0V, VIN = 75V
37
µs
TOFF-2
OFF time generator (test 2)
FB=2.3V, VIN = 75V
7.2
µs
TOFF-3
OFF time generator (test 3)
FB=0V, VIN = 10V
5.7
µs
TOFF-4
OFF time generator (test 4)
FB=2.3V, VIN = 10V
1.25
µs
On Time Generator
TON - 1
On-Time
Vin = 10V
2.2
3.3
4.51
µs
Ron = 250K
TON - 2
On-Time
Vin = 75V
300
450
565
ns
Ron = 250K
Remote Shutdown Threshold
Voltage at RT/SD rising
0.46
0.9
1.4
V
Remote Shutdown Hysteresis
60
mV
Minimum Off Time
Minimum Off Time
VIN = 6V
260
347
ns
Regulation and OV Comparators
FB Reference Threshold
Internal reference
2.4365
2.5
2.5625
V
Trip point for switch ON
FB Over-Voltage Threshold
Trip point for switch OFF
2.85
V
FB Bias Current
1
nA
Under Voltage Sensing
UVTH
UV Threshold
2.4
2.5
2.6
V
UVHYS
UV Hysteresis Current
UV = 2V
2.7
5
7.3
uA
UVBIAS
UV Bias Current
UV = 3V
1
nA
UVOVOL
UVO Output Low Voltage
UV = 3V, IUVO = 5mA
360
600
mV
UVOIOH
UVO Leakage Current
UV = 2V, VUVO = 7.8V
1
nA
(1)
All limits are guaranteed. All electrical characteristics having room temperature limits are tested during production with TA = TJ = 25°C.
All hot and cold limits are guaranteed by correlating the electrical characteristics to process and temperature variations and applying
statistical process control.
4
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LM34923


Similar Part No. - LM34923

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34923 NSC-LM34923 Datasheet
621Kb / 12P
   EVAL evaluation board provides the design engineer with a fully
logo
Texas Instruments
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM34923MM/NOPB TI1-LM34923MM/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM34923MMX/NOPB TI1-LM34923MMX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM34923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
   100V, 150 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com