Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTMSE05050051 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # BTMSE05050051
Description  Bi-directional Single ChannelTap Monitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

BTMSE05050051 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  BTMSE05050051 Datasheet HTML 1Page - OPLINK Communications Inc. BTMSE05050051 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Functional Diagram
Parameters
Specification
Unit
Operating Wavelength Range
1260~1360
1510~1610
mm
Through
Insertion Loss (@ λ
Op, TOp, All SOP, exclude
connector)
2%
5%
10%
≤ 0.4
≤ 0.6
≤ 0.9
dB
Polarization Dependent Loss
≤ 0.1
dB
Return loss (exclude connector)
≥ 45
dB
Tapped
Monitoring
Responsivity (relative to nominal power at
input port)
2%
5%
10%
10~23
26~59
52~110
14~25
35~65
70~120
mA/W
Responsivity Polarization Dependence
≤ 0.1
dB
Uniformity [1]
≤ 0.5
dB
PD
PD Dark Current (@ 70°C, -5V bias)
≤ 10
nA
Bandwidth (50 ohm, 5V, -3dB)
≥ 0.5
GHz
Reverse Voltage
≤ 20
V
Forward Current
≤ 5
mA
Conditions
Input Optical Power
2%
5%
10%
≤ 21
≤ 16
≤ 12
dBm
Operating Temperature Range (<85%RH,Non-condensing)
0 to +70
°C
Storage Temperature Range (<85%RH,Non-condensing)
-40 to +85
°C
Fiber Type
SMF-28
Applications
Performance Specification
ns
Notes: [1] Excluding connectors.
Input
Output
PD
S0003 - R03. 20100601
Bi-directional Single Channel
Integrated Tap Monitors
BTMS Series
Oplink’s Single Channel Bi-directional Integrated Tap Monitor (BTMS) is a hybrid component
that integrates a flat spectral response of a thin-film tap with a high sensitivity PIN photodiode
for power monitoring applications.The Bi-directional feature allows power monitoring from
both input and output ports. BTMS minimizes component assembly costs and module foot-
print while increasing module design efficiency by facilitating fiber management.
The BTMS integrates the functionality of an optical coupler and a photodiode while delivering
low insertion loss and low dark current with high temperature stability over a wide wavelength
range. It is compact and easy to mount on a PCB board for module and network system use.
Applications include DWDM channel power monitoring, optical network switching/protection
monitoring, re-configurable optical add/drop multiplexers systems.
Oplink can provide customized designs to meet specialized feature applications. Also, Oplink
offers modular assemblies that integrate other components to form a full function module or
subsystem.
2-/3-pin Package Easily Mounted
on a PCB
Flat and Broad Operating
Wavelength Range
Low Insertion Loss and PDL
Low Dark Current
Various Tap Ratios Available
High Temperature Stability with
Hermetically Sealed Photodiode
Monitor Optical Signal from One
Both Input and Output
EDFAs and Raman amplifiers
Add/Drop and optical protection
monitoring
DWDM/CWDM systems


Similar Part No. - BTMSE05050051

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
BTMSE050500111 OPLINK-BTMSE050500111 Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
BTMSE050500112 OPLINK-BTMSE050500112 Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
BTMSE050500115 OPLINK-BTMSE050500115 Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
BTMSE05050011H OPLINK-BTMSE05050011H Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
BTMSE050500121 OPLINK-BTMSE050500121 Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
More results

Similar Description - BTMSE05050051

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
BTMS-S0003 OPLINK-BTMS-S0003 Datasheet
351Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
BTMSD02050011H OPLINK-BTMSD02050011H Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
logo
Murata Manufacturing Co...
LXES03AAA1-098 MURATA-LXES03AAA1-098 Datasheet
175Kb / 3P
   Bi-directional
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
   Single Phase, Bi-directional Power/Energy IC
logo
Source Photonics, Inc.
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM-SSC4-60 SOURCE-B-13-15-622-TPM-SSC4-60 Datasheet
752Kb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
SFA-34-24T-HP-CDFJ SOURCE-SFA-34-24T-HP-CDFJ Datasheet
358Kb / 12P
   Integrated Single fiber bi-directional optical subassembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com