Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1PG Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RS1PG
Description  High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS1PG Datasheet(HTML) 3 Page - Vishay Siliconix

  RS1PG Datasheet HTML 1Page - Vishay Siliconix RS1PG Datasheet HTML 2Page - Vishay Siliconix RS1PG Datasheet HTML 3Page - Vishay Siliconix RS1PG Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RS1PB, RS1PD, RS1PG, RS1PJ
www.vishay.com
Vishay General Semiconductor
Revision: 21-Aug-13
3
Document Number: 88934
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Reverse Voltage (V)
100
10
1
0.1
1
10
100
T
J = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
1000
100
10
1
0.01
0.1
1
10
100
t - Pulse Duration (s)
DO-220AA (SMP)
Cathode Band
0.086 (2.18)
0.074 (1.88)
0.142 (3.61)
0.126 (3.19)
0.158 (4.00)
0.146 (3.70)
0.013 (0.35)
0.004 (0.10)
0.012 (0.30)
0.000 (0.00)
0.018 (0.45)
0.006 (0.15)
0.045 (1.15)
0.033 (0.85)
0.036 (0.91)
0.024 (0.61)
0.032 (0.80)
0.016 (0.40)
0.103 (2.60)
0.087 (2.20)
0.053 (1.35)
0.041 (1.05)
0.012 (0.30) REF.
0.100
(2.54)
0.105
(2.67)
0.025
(0.635)
0.030
(0.762)
0.050
(1.27)


Similar Part No. - RS1PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS1PG VISHAY-RS1PG Datasheet
84Kb / 4P
   High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
Revision: 19-Apr-11
RS1PG VISHAY-RS1PG Datasheet
99Kb / 5P
   High Current Density Surface-Mount Glass Passivated Fast Switching Rectifier
01-Jan-2022
More results

Similar Description - RS1PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS1PB VISHAY-RS1PB_V01 Datasheet
99Kb / 5P
   High Current Density Surface-Mount Glass Passivated Fast Switching Rectifier
01-Jan-2022
RS1PB VISHAY-RS1PB Datasheet
84Kb / 4P
   High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
Revision: 19-Apr-11
S1PA VISHAY-S1PA Datasheet
153Kb / 2P
   High Current Density Surface Mount Glass-Passivated Rectifiers
23-Sep-04
S4PB VISHAY-S4PB Datasheet
96Kb / 5P
   High Current Density Surface Mount Glass Passivated Rectifiers
Revision: 19-Apr-11
S1PB VISHAY-S1PB_V01 Datasheet
100Kb / 5P
   High Current Density Surface-Mount Glass Passivated Rectifiers
01-Jan-2022
S1PM-M3 VISHAY-S1PM-M3 Datasheet
89Kb / 5P
   High Current Density Surface Mount Glass Passivated Rectifiers
Revision: 14-Aug-13
S1PB VISHAY-S1PB Datasheet
89Kb / 5P
   High Current Density Surface Mount Glass Passivated Rectifiers
Revision: 19-Apr-11
S4PB VISHAY-S4PB_V01 Datasheet
109Kb / 5P
   High Current Density Surface Mount Glass Passivated Rectifiers
01-Jan-2022
BYM11-50 VISHAY-BYM11-50_11 Datasheet
86Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGF1D-E3 VISHAY-RGF1D-E3 Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com