Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W06M Datasheet(PDF) 2 Page - Micro Commercial Components

Part # W06M
Description  Complete Discrete Semiconductor Solutions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

W06M Datasheet(HTML) 2 Page - Micro Commercial Components

  W06M Datasheet HTML 1Page - Micro Commercial Components W06M Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
W005M
THRU
W10M
1.5 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
Low Profile Package
Any Mounting Position
Silver Plated Copper Leads
Surge Overload Rating Of 50 Amps
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
W005M
W005M
50V
35V
50V
W01M
W01M
100V
70V
100V
W02M
W02M
200V
140V
200V
W04M
W04M
400V
280V
400V
W06M
W06M
600V
420V
600V
W08M
W08M
800V
560V
800V
W10M
W10M
1000V
700V
1000v
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5A
TJ = 25
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.0V
IFM = 1.5A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
E
E
AC
AC
+
-
A
B
C
D
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
----
.358
------
9.10
B
----
.225
------
5.70
C
1.000
---
25.40
---
D
1.098
---
27.90
---
E
.180
.220
4.60
5.60
WOM
F
F
.028
.032
0.71
0.81
MCC
UL Recognized File # E165989
TM
Micro Commercial Components


Similar Part No. - W06M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
W06M MCC-W06M Datasheet
310Kb / 3P
   Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information)
logo
Won-Top Electronics
W06M WTE-W06M Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
W06M WTE-W06M Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
W06M SEMTECH_ELEC-W06M Datasheet
190Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
W06M MCC-W06M Datasheet
310Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
More results

Similar Description - W06M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16WX-TP MCC-BAS16WX-TP Datasheet
115Kb / 3P
   Complete Discrete Semiconductor Solutions
US1G-TP MCC-US1G-TP Datasheet
110Kb / 3P
   Complete Discete Semiconductor Solutions
logo
Integral Corp.
KT815A INTEGRAL-KT815A Datasheet
246Kb / 8P
   DISCRETE SEMICONDUCTOR Transistors
logo
AZ Displays
AGM3224Q AZDISPLAYS-AGM3224Q Datasheet
1Mb / 28P
   COMPLETE LCD SOLUTIONS
ATM4823A AZDISPLAYS-ATM4823A Datasheet
1Mb / 19P
   COMPLETE LCD SOLUTIONS
ATM3224C-NC-FTH AZDISPLAYS-ATM3224C-NC-FTH Datasheet
807Kb / 15P
   COMPLETE LCD SOLUTIONS
logo
List of Unclassifed Man...
GT120NWS ETC1-GT120NWS Datasheet
468Kb / 10P
   Mini size of Discrete semiconductor elements
logo
AZ Displays
ATM3224C AZDISPLAYS-ATM3224C Datasheet
60Kb / 4P
   COMPLETE LCD SOLUTIONS - TFT Driver Board
logo
List of Unclassifed Man...
QBVW033 ETC2-QBVW033 Datasheet
3Mb / 18P
   GE Complete Family of DC-DC Solutions
logo
Panasonic Semiconductor
MIP290 PANASONIC-MIP290 Datasheet
4Mb / 152P
   Semiconductor Selection Guide Microcomputers, Bipolar ICs, Discrete Semiconductors
2009 ver.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com