Electronic Components Datasheet Search |
|
A-41672-A04A241 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
A-41672-A04A241 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 07/08/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 26-48-2046 Status: Active Overview: KK® Interconnect System - Molex Description: KK® 396 Breakaway Header, Right-Angle with Friction Lock, 4 Circuits, Gold (Au) Plating Documents: 3D Model Product Specification PS-08-50 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 41672 Application Power, Wire-to-Board Application Tooling Part Link 11-20-0901 Overview KK® Interconnect System - Molex Product Name KK® 396 UPC 800754388153 Physical Breakaway Yes Circuits (Loaded) 4 Circuits (maximum) 4 Color - Resin Black Durability (mating cycles max) 50 Flammability 94V-0 Glow-Wire Compliant No Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Matte Tin Material - Resin Polyester Net Weight 1.664/g Number of Rows 1 Orientation Right Angle PC Tail Length 5.38mm PCB Locator No PCB Retention None PCB Thickness - Recommended 1.60mm Packaging Type Bag Pitch - Mating Interface 3.96mm Pitch - Termination Interface 3.96mm Plating min - Mating 0.508µm Plating min - Termination 0.508µm Polarized to Mating Part No Polarized to PCB Yes Shrouded No Stackable No Temperature Range - Operating See Product Specification Termination Interface: Style Through Hole Electrical Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Low-Halogen Status Not Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 41672Series Mates With 2139 KK® Crimp Housing, 41695 KK® Crimp Housing, 6442 KK® Crimp Housing, 2145 PCB Connector, 41815 PCB Connector, 3069 KK® Crimp Housing |
Similar Part No. - A-41672-A04A241 |
|
Similar Description - A-41672-A04A241 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |