Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70KWWS7RW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 70KWWS7RW
Description  General Purpose and Precision Wirewound Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

70KWWS7RW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  70KWWS7RW Datasheet HTML 1Page - List of Unclassifed Manufacturers 70KWWS7RW Datasheet HTML 2Page - List of Unclassifed Manufacturers 70KWWS7RW Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev Date: 08/07/2014
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WW/MWW/NWW Series
General Purpose and Precision Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
WW12
-
0.4 W
0.5 W
5 - 2K
3 - 2K
3 - 2K
5 - 2K
WW1
-
1 W
1.1 W
2 - 3K
2 - 3K
2 - 3K
2 - 3K
WW1A
RW-70
1 W
1.3 W
1 - 5K
1 - 5K
1 - 5K
1 - 5K
WW2
RW-69
1.5 W
2.1 W
1 - 10K
0.5 - 10K
0.5 - 10K
0.5 - 10K
WW2S
-
2.5 W
2.6 W
1 - 10K
0.5 - 10K
0.5 - 10K
0.5 - 10K
WW2A
-
2.5 W
2.6 W
1 - 10K
0.5 - 10K
0.5 - 10K
0.5 - 10K
WW3
RW-79
3 W
3.2 W
1 - 22K
0.5 - 22K
0.5 - 22K
0.5 - 22K
WWS3
-
3 W
3.2 W
3 - 10K
1 - 10K
1 - 10K
1 - 10K
WW3A
-
3 W
3.4 W
1 - 30K
0.5 - 30K
0.5 - 30K
0.5 - 30K
WW4
-
4 W
4.3 W
1 - 40K
0.5 - 40K
0.5 - 40K
0.5 - 40K
WWS4
RW-79
4 W
4.3 W
1 - 22K
0.5 - 22K
0.5 - 22K
0.5 - 22K
WW5
RW-67, RW-74
5 W
5.1 W
1 - 50K
0.5 - 50K
0.5 - 50K
0.5 - 50K
WWS5
-
5 W
5.1 W
1 - 40K
0.5 - 40K
0.5 - 40K
0.5 - 40K
WW7
-
6.5 W
7.2 W
1 - 70K
0.5 - 70K
0.5 - 70K
0.5 - 70K
WWS7
RW-67, RW-74
6.5 W
7.2 W
1 - 50K
0.5 - 50K
0.5 - 50K
0.5 - 50K
WW7B
-
7 W
7.7 W
1 - 70K
0.5 - 70K
0.5 - 70K
0.5 - 70K
WW10
RW-78
10 W
11 W
1 - 100K
0.5 - 100K
0.5 - 100K
0.5 - 100K
WWS10
-
10 W
11 W
1 - 70K
0.5 - 70K
0.5 - 70K
0.5 - 70K
NWW12
-
0.4 W
0.5 W
10 - 1K
10 - 1K
10 - 1K
10 - 1K
NWW1
-
1 W
1.1 W
4 - 1.5K
4 - 1.5K
2 - 1.5K
2 - 1.5K
NWW1A
RW-70
1 W
1.3 W
2 - 2.5K
2 - 2.5K
1 - 2.5K
1 - 2.5K
NWW2
RW-69
1.5 W
2.1 W
2 - 5K
2 - 5K
1 - 5K
1 - 5K
NWWS2
-
2.5 W
2.6 W
2 - 5K
2 - 5K
1 - 5K
1 - 5K
NWW2A
-
2.5 W
2.6 W
2 - 5K
2 - 5K
1 - 5K
1 - 5K
NWW3
RW-79
3 W
3.2 W
2 - 11K
2 - 11K
1 - 11K
1 - 11K
NWWS3
-
3 W
3.2 W
5 - 5K
5 - 5K
3 - 5K
3 - 5K
NWW3A
-
3 W
3.4 W
2 - 15K
2 - 15K
1 - 15K
1 - 15K
NWW4
-
4 W
4.3 W
2 - 20K
2 - 20K
1 - 20K
1 - 20K
NWWS4
RW-79
4 W
4.3 W
2 - 11K
2 - 11K
1 - 11K
1 - 11K
NWW5
RW-67, RW-74
5 W
5.1 W
2 - 25K
2 - 25K
1 - 25K
1 - 25K
NWWS5
-
5 W
5.1 W
2 - 20K
2 - 20K
1 - 20K
1 - 20K
NWW7
-
6.5 W
7.2 W
2 - 35K
2 - 35K
1 - 35K
1 - 35K
NWWS7
RW-67, RW-74
6.5 W
7.2 W
2 - 25K
2 - 25K
1 - 25K
1 - 25K
NWW7B
-
7 W
7.7 W
2 - 35K
2 - 35K
1 - 35K
1 - 35K
NWW10
RW-78
10 W
11 W
2 - 50K
2 - 50K
1 - 50K
1 - 50K
NWWS10
-
10 W
11 W
2 - 35K
2 - 35K
1 - 35K
1 - 35K
MWW1
RW-70
1 W
1.3 W
5 - 2K
5 - 2K
5 - 2K
5 - 2K
MWW3
RW-79
3 W
3.2 W
3 - 20K
3 - 20K
3 - 20K
3 - 20K
MWW5
RW-67, RW-74
5 W
5.5 W
2 - 40K
2 - 40K
2 - 40K
2 - 40K
MWW10
RW-68, RW-74
10 W
11 W
2 - 80K
2 - 80K
2 - 80K
2 - 80K
NMWW1
RW-70
1 W
1.3 W
10 - 1K
10 - 1K
5 - 1K
5 - 1K
NMWW3
RW-79
3 W
3.2 W
5 - 10K
5 - 10K
3 - 10K
3 - 10K
NMWW5
RW-67, RW-74
5 W
5.5 W
3 - 20K
3 - 20K
2 - 20K
2 - 20K
NMWW10
RW-68, RW-74
10 W
11 W
3 - 40K
3 - 40K
2 - 40K
2 - 40K
(*) Other resistance values available - contact factory for details.
1%
5%
Ohmic Range (Ω) and Tolerance (*)
Type / Code
MIL-R-26 Ref.
< 1Ω = ±90ppm/ºC
1Ω to 10Ω = ± 50ppm/ºC
>10Ω = ±20ppm/ºC
Power Rating
(W)
@ 125ºC
Power Rating
(W)
@ 70ºC
TCR (ppm/ºC)
0.1%
0.5%
Features:
WWS offers miniature size at higher power rating
High performance for low cost
High power to size ratio
MWW – completely molded construction with welded terminations
Complete welded terminations
Tinned copper leads
Available in non-inductive styles
High temperature silicone coating
RoHS compliant
Higher operating temperatures available
Bulk packaging available - contact Stackpole for package quantities
Electrical Specifications


Similar Part No. - 70KWWS7RW

ManufacturerPart #DatasheetDescription
logo
Littelfuse
70K00000Z LITTELFUSE-70K00000Z Datasheet
100Kb / 1P
   Alarm Indicating Fuse
logo
Integrated Device Techn...
70K2000 IDT-70K2000 Datasheet
114Kb / 2P
   Serial RapidIO Pre-Processing Switch for DSP Clusters
logo
Cooper Bussmann, Inc.
70KR85 COOPER-70KR85 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - 70KWWS7RW

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
MWW SEI-MWW Datasheet
460Kb / 7P
   General Purpose and Precision Wirewound Resistor
11/29/2021
WW1FT1K00 SEI-WW1FT1K00 Datasheet
373Kb / 7P
   WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
WWF SEI-WWF Datasheet
217Kb / 4P
   General Purpose Fusing Wirewound Resistor
11/23/2020
logo
IRC - a TT electronics ...
SPH1505LF IRCTT-SPH1505LF Datasheet
563Kb / 2P
   GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SP-201505LF IRCTT-SP-201505LF_08 Datasheet
246Kb / 3P
   General Purpose Failsafe Molded Wirewound Resistor
SP-201505LF IRCTT-SP-201505LF Datasheet
540Kb / 2P
   GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SPH1500JLF IRCTT-SPH1500JLF Datasheet
245Kb / 3P
   General Purpose Failsafe Molded Wirewound Resistor
PWR101202JLF IRCTT-PWR101202JLF Datasheet
141Kb / 2P
   General Purpose Stand-Up Power Wirewound Resistor
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
   SEMI-PRECISION POWER WIREWOUND RESISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com