Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2757 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM2757
Description  Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2757 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2757 Datasheet HTML 4Page - Texas Instruments LM2757 Datasheet HTML 5Page - Texas Instruments LM2757 Datasheet HTML 6Page - Texas Instruments LM2757 Datasheet HTML 7Page - Texas Instruments LM2757 Datasheet HTML 8Page - Texas Instruments LM2757 Datasheet HTML 9Page - Texas Instruments LM2757 Datasheet HTML 10Page - Texas Instruments LM2757 Datasheet HTML 11Page - Texas Instruments LM2757 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LM2757
SNVS536D – OCTOBER 2007 – REVISED AUGUST 2009
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 3.6V, V(M0) = 0V, V(M1) = VIN, C1 = C2 = 0.47µF, CIN = COUT = 1.0µF, TA = 25ºC.
Capacitors are low-ESR multi-layer ceramic capacitors (MLCC's).
Current Limit
Oscillator Frequency
vs.
vs.
Input Voltage
Input Voltage
Operating Current
Shutdown Supply Current
vs.
vs.
Input Voltage
Input Voltage
Startup Behavior, 5V Mode
Line Step (3.5V to 4V)
Load = 200mA, VOUT = 5V Mode
VIN = 3.6V, Load = 200mA
CH1: VIN; Scale: 1V/Div, DC Coupled
CH2: VOUT; Scale: 1V/Div, DC Coupled
CH2: VOUT; Scale: 100mV/Div, AC Coupled
CH4: IIN; Scale: 200mA/Div, DC Coupled
Time scale: 100µs/Div
Time scale: 100µs/Div
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM2757


Similar Part No. - LM2757

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2757 NSC-LM2757 Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757 TI1-LM2757 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
logo
National Semiconductor ...
LM2757TM NSC-LM2757TM Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757TM/NOPB TI1-LM2757TM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
logo
National Semiconductor ...
LM2757TMX NSC-LM2757TMX Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
More results

Similar Description - LM2757

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2757 NSC-LM2757 Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757 TI1-LM2757 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
LM2757 TI-LM2757_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
logo
Analog Devices
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Micro Linear Corporatio...
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
   High Current Boost Regulator with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Texas Instruments
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com