Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2832 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2832
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2832 Datasheet(HTML) 5 Page - Texas Instruments

  LM2832_14 Datasheet HTML 1Page - Texas Instruments LM2832_14 Datasheet HTML 2Page - Texas Instruments LM2832_14 Datasheet HTML 3Page - Texas Instruments LM2832_14 Datasheet HTML 4Page - Texas Instruments LM2832_14 Datasheet HTML 5Page - Texas Instruments LM2832_14 Datasheet HTML 6Page - Texas Instruments LM2832_14 Datasheet HTML 7Page - Texas Instruments LM2832_14 Datasheet HTML 8Page - Texas Instruments LM2832_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LM2832
www.ti.com
SNVS455 – AUGUST 2006
Typical Performance Characteristics
All curves taken at VIN = 5.0V with configuration in typical application circuit shown in Application Information section of this
datasheet. TJ = 25°C, unless otherwise specified.
η
η
vs
vs
Load "X, Y and Z" Vin = 3.3V, Vo = 1.8V
Load "X" Vin = 5V, Vo = 1.8V & 3.3V
η
η
vs
vs
Load - "Y" Vin = 5V, Vo = 3.3V & 1.8V
Load "Z" Vin = 5V, Vo = 3.3V & 1.8V
Load Regulation
Load Regulation
Vin = 3.3V, Vo = 1.8V (All Options)
Vin = 5V, Vo = 1.8V (All Options)
Copyright © 2006, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2832


Similar Part No. - LM2832_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2832XMY NSC-LM2832XMY Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832XMY TI1-LM2832XMY Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832XMY/NOPB TI1-LM2832XMY/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832XMYX NSC-LM2832XMYX Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832XSD NSC-LM2832XSD Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
More results

Similar Description - LM2832_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
logo
Chip Advanced Technolog...
CAT7105 CAT-CAT7105 Datasheet
758Kb / 12P
   2.0A High Efficiency Step-Down DC/DC Converter
May-2007 Rev:0.94
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com