Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3FR-D67 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3FR-D67
Description  Easy mounting photoelectric sensor in short M18 housing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FR-D67 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3FR-D67 Datasheet HTML 5Page - Omron Electronics LLC E3FR-D67 Datasheet HTML 6Page - Omron Electronics LLC E3FR-D67 Datasheet HTML 7Page - Omron Electronics LLC E3FR-D67 Datasheet HTML 8Page - Omron Electronics LLC E3FR-D67 Datasheet HTML 9Page - Omron Electronics LLC E3FR-D67 Datasheet HTML 10Page - Omron Electronics LLC E3FR-D67 Datasheet HTML 11Page - Omron Electronics LLC E3FR-D67 Datasheet HTML 12Page - Omron Electronics LLC E3FR-D67 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
E3FZ/E3FR
Sensing Object Size vs. Distance
Spot Diameter vs. Distance
Diffuse reflective Models
BGS Models
E3F
@-D@2(D@7)
E3F
@-LS@1H(LS@6H)
E3F
@-LS@4H(LS@9H)
Sensing Distance vs. Sensing Object Material
Inclination Characteristics (Vertical)
BGS Models
BGS Models
E3F
@-LS@1H(LS@6H)
E3F
@-LS@4H(LS@9H)
E3F
@-LS@1H(LS@6H)
Inclination Characteristics (Horizontal)
BGS Models
E3F
@-LS@1H(LS@6H)
E3F
@-LS@4H(LS@9H)
E3F
@-LS@4H(LS@9H)
Sensing object: White paper
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1.8
0.0
600
100
200
300
400
500
0
Length d of sensing object (mm)
d
d
10
8
6
4
2
12
0
20
40
60
80
100
0
Distance (mm)
18
16
14
12
10
8
6
4
2
20
0
50
100
150
200
250
0
Distance (mm)
120
100
80
60
40
20
0
White
paper
Veneer Card-
board
Black
paper
Black
rubber
SUS
Mirror
surface
Material
250
200
150
100
50
0
White
paper
Veneer Card-
board
Black
paper
Black
rubber
SUS
Mirror
surface
Material
8
6
4
2
0
-2
-4
-6
-8
10
-10
80
40
20
60
0
-40
-20
-60
-80
Inclination angle
(
°)
−θ
Upwards and
Downwards
Center
line
Sensing
object
Inclination
angle
40
30
20
10
0
10
20
30
40
50
50
80
40
20
60
0
-40
-20
-60
-80
(Left and Right)
Center
line
Sensing
object
Inclination
angle
Inclination angle
(
°)
−θ
40
30
20
10
0
10
20
30
40
50
50
80
40
20
60
0
-40
-20
-60
-80
−θ
Inclination
angle
(Left and Right)
Center
line
Sensing
object
Inclination angle
(
°)
40
30
20
10
0
10
20
30
40
50
50
80
40
20
60
0
-40
-20
-60
-80
Center
line
Sensing
object
Upwards and
Downwards
Inclination
angle
Inclination angle
(
°)
E55E-EN-01+E3FZ-E3FR+Datasheet.FM Seite 9 Dienstag, 15. April 2008 5:17 17


Similar Part No. - E3FR-D67

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
E3F PHILIPS-E3F Datasheet
334Kb / 2P
   VALVE FOR PORTABLE TRANSCEIVERS
logo
Omron Electronics LLC
E3F2 OMRON-E3F2 Datasheet
191Kb / 14P
   M18 Cylindrical Photoelectric
E3F2-10B4 OMRON-E3F2-10B4 Datasheet
1Mb / 28P
   Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
E3F2-10B4 OMRON-E3F2-10B4 Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
E3F2-10B4-M OMRON-E3F2-10B4-M Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
More results

Similar Description - E3FR-D67

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F2 OMRON-E3F2 Datasheet
191Kb / 14P
   M18 Cylindrical Photoelectric
logo
FOTEK CONTROLS CO., LTD...
RTM FOTEK-RTM Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
logo
Molex Electronics Ltd.
1202540149 MOLEX-1202540149 Datasheet
37Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Through-Beam (Emitter), 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202540153 MOLEX-1202540153 Datasheet
39Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Reflex, PNP, Dark-ON, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202540148 MOLEX-1202540148 Datasheet
38Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Through-Beam (Emitter), 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022
1202540123 MOLEX-1202540123 Datasheet
43Kb / 1P
   Contrinex Photoelectric Sensor, M18 Plastic Housing, Through-Beam (Emitter), 4-pin M12 Connector, 37mm Housing Length
02/24/2022
1202540152 MOLEX-1202540152 Datasheet
39Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Reflex, NPN, Dark-ON, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202540122 MOLEX-1202540122 Datasheet
42Kb / 1P
   Contrinex Photoelectric Sensor, M18 Plastic Housing, Through-Beam (Emitter), 2m 3-wire PVC Cable, 33mm Housing Length
02/24/2022
1202540151 MOLEX-1202540151 Datasheet
38Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Reflex, PNP, Dark-ON, 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022
1202540147 MOLEX-1202540147 Datasheet
39Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Through-Beam (Receiver), PNP, Changeover, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com