Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM21305 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM21305
Description  5A Adjustable Frequency Synchronous Buck Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM21305 Datasheet(HTML) 5 Page - Texas Instruments

  LM21305_14 Datasheet HTML 1Page - Texas Instruments LM21305_14 Datasheet HTML 2Page - Texas Instruments LM21305_14 Datasheet HTML 3Page - Texas Instruments LM21305_14 Datasheet HTML 4Page - Texas Instruments LM21305_14 Datasheet HTML 5Page - Texas Instruments LM21305_14 Datasheet HTML 6Page - Texas Instruments LM21305_14 Datasheet HTML 7Page - Texas Instruments LM21305_14 Datasheet HTML 8Page - Texas Instruments LM21305_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LM21305
www.ti.com
SNVS639F – DECEMBER 2009 – REVISED MARCH 2013
Electrical Characteristics
(1) (2)(2) (continued)
Specifications with standard typeface are for TJ = 25°C, and those in boldface type apply over the full Operating
Temperature Range (TJ = -40°C to +125°C). Unless otherwise specified, VIN = VPVIN = VAVIN = 12V, VOUT = 3.3V, IOUT = 0A.
Symbol
Parameter
Remarks
Min
Typ
Max
Unit
VUVLO-HI-AVIN
AVIN UVLO Rising Threshold
2.84
2.93
2.987
V
VUVLO-LO-AVIN
AVIN UVLO Falling Threshold
2.66
2.73
2.83
V
VUVLO-HYS-AVIN
AVIN UVLO Hysteresis Window
195
mV
V5V0
Internal LDO1 Output Voltage
Measured at 5V0 pin, 1k
Ω load
4.88
V
Recommended Capacitance
COUT-CAP-5V0
Ceramic capacitor
1
µF
connected to 5V0 pin
ISHORT-5V0
Short Circuit Current of 5V0 pin
31
mA
V2V5
Internal LDO2 output voltage
Measured at 2V5 pin, 1k
Ω load
2.47
V
Recommended Capacitance
Ceramic capacitor
COUT-CAP-2V5
100
nF
connected to 2V5 pin
ISHORT-2V5
Short Circuit Current of 2V5 pin
47
mA
Measured between 5V0 and
VFCBOOT-D
CBOOT Diode Forward Voltage
0.76
V
CBOOT @ 10 mA
ICBOOT
CBOOT Leakage Current
VCBOOT = 5.5V, not switching
0.65
µA
Startup Time from EN high to
TSTARTUP-DELAY
the beginning of internal soft-
160
µs
start
SS
Internal Soft-Start
10% to 90% VFB
1.41
2.7
4.15
ms
OSCILLATOR
Oscillator Frequency, nominal
FOSC-NOM
RFRQ = 61.9 kΩ, 0.025%
695
750
795
kHz
measured at SW pin
Maximum Oscillator Frequency
FOSC-MAX
RFRQ = 28.4 kΩ
1500
kHz
measured at SW pin
Minimum Oscillator Frequency
FOSC-MIN
RFRQ = 167.5 kΩ
300
kHz
measured at SW pin
Minimum Off-Time measured at fS = 1.5 MHz, VIN = 3.3V, VFB =
TOFF-MIN
50
ns
SW pin
1V, voltage divider ratio = 3.3
Minimum On-Time measured at fS = 1.5 MHz, voltage divider
TON-MIN
70
ns
SW pin
ratio = 1
LOGIC
VIH-EN
EN Pin Rising Threshold
1.1
1.2
1.3
V
VHYST-EN
EN Pin Hysteresis Window
130
200
302
mV
IEN-IN
EN Pin Input Current
VEN = 12V
18
23
µA
VIH-UV-PGOOD
PGOOD UV Rising Threshold
Percentage of VOUT
87.5
93
97.5
%
PGOOD UV Hysteresis
VHYST-UV-PGOOD
Percentage of VOUT
-4.2
%
Threshold
IOL- PGOOD
PGOOD Sink Current
VOL = 0.2V
3
mA
IOH- PGOOD
PGOOD Leakage Current
VOH = 18V
460
nA
THERMAL SHUTDOWN
TSD
Thermal Shutdown (4)
160
°C
Thermal Shutdown Hysteresis
TSD-HYS
10
°C
(4)
(4)
Specified by design.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM21305


Similar Part No. - LM21305_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
More results

Similar Description - LM21305_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com