Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEA1CKA100 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECEA1CKA100
Description  Aluminum Electrolytic Capacitors/ KA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA1CKA100 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECEA1CKA100 Datasheet HTML 1Page - Panasonic Semiconductor ECEA1CKA100 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ KA
– EEE-119 –
0D±0.5
Sleeve
14 min.
3 min.
L±1.0
+
Features
● Endurance : 85° C 1000 h
● 7 mm height
● RoHS directive compliant
Dimensions in mm (not to scale)
Specifications
Category Temp. Range
–40 °C to +85 °C
Rated W.V. Range
4 V.DC to 50 V.DC
Nominal Cap. Range
2.2 μF to 470 μF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (μA) After 2 minutes (Whichever is greater)
tan
d
Please see the attached standard products list
Endurance
After applying rated working voltage for 1000 hours at +85 °C±2 °C when the capacitors are
restored to 20 °C, capacitors shall meet the following limits.
Capacitance change ± 20% of initial measured value
tan
d
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +85 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance (With voltage treatment)
Radial Lead Type
Series:
KA
Type:
A
M
KA
7 mm height
Low Profile
Body Dia. 0D4
5
6.3
8
Lead Dia. 0d
0.45
0.45
0.45
0.45
Lead space F
1.5
2.0
2.5
2.5
Frequency (Hz)
50, 60
120
1 k
10 k to
Correction factor
0.70
1.00
1.30
1.70
Frequency correction factor for ripple current
(Unit : mm)
02
Apr. 2014


Similar Part No. - ECEA1CKA100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA1CKA100 PANASONIC-ECEA1CKA100 Datasheet
121Kb / 2P
   Radial Lead Type
ECEA1CKA100 PANASONIC-ECEA1CKA100 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA1CKA100 PANASONIC-ECEA1CKA100 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA1CKA100 PANASONIC-ECEA1CKA100 Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA1CKA100 PANASONIC-ECEA1CKA100 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
More results

Similar Description - ECEA1CKA100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-A0JKA101I PANASONIC-ECE-A0JKA101I Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A1CKA101I PANASONIC-ECE-A1CKA101I Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A1HKA100 PANASONIC-ECE-A1HKA100 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A1VKA220 PANASONIC-ECE-A1VKA220 Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A1AKA220 PANASONIC-ECE-A1AKA220 Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A0JKA221B PANASONIC-ECE-A0JKA221B Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A1EKA220 PANASONIC-ECE-A1EKA220 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A1AKA470I PANASONIC-ECE-A1AKA470I Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com