Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEA1HKA2R2 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEA1HKA2R2
Description  Aluminum Electrolytic Capacitors/ KA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA1HKA2R2 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEA1HKA2R2 Datasheet HTML 1Page - Panasonic Semiconductor ECEA1HKA2R2 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ KA
– EEE-120 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+85 °C)
tan d
(120 Hz)
(+20 °C)
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽i
(V)
(μF)
(mm)
(mm) (mA r.m.s.)
(mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
4
47
4
7
34
0.35
0.45
1.5
5.0
2.5
ECEA0GKA470( )
200
2000
100
5
7
61
0.35
0.45
2.0
5.0
2.5
ECEA0GKA101( )
200
2000
220
6.3
7
82
0.35
0.45
2.5
5.0
2.5
ECEA0GKA221( )
200
2000
330
87
110
0.35
0.45
2.5
2.5
ECEA0GKA331( )
200
1000
87
110
0.35
0.45
5.0
ECEA0GKA331Q
1000
470
87
140
0.35
0.45
2.5
2.5
ECEA0GKA471( )
200
1000
87
140
0.35
0.45
5.0
ECEA0GKA471Q
1000
6.3
47
4
7
46
0.24
0.45
1.5
5.0
2.5
ECEA0JKA470( )
200
2000
100
5
7
71
0.24
0.45
2.0
5.0
2.5
ECEA0JKA101( )
200
2000
220
6.3
7
103
0.24
0.45
2.5
5.0
2.5
ECEA0JKA221( )
200
2000
330
87
130
0.24
0.45
2.5
2.5
ECEA0JKA331( )
200
1000
87
130
0.24
0.45
5.0
ECEA0JKA331Q
1000
10
33
4
7
43
0.20
0.45
1.5
5.0
2.5
ECEA1AKA330( )
200
2000
100
6.3
7
80
0.20
0.45
2.5
5.0
2.5
ECEA1AKA101( )
200
2000
220
87
120
0.20
0.45
2.5
2.5
ECEA1AKA221( )
200
1000
87
120
0.20
0.45
5.0
ECEA1AKA221Q
1000
16
10
4
7
28
0.16
0.45
1.5
5.0
2.5
ECEA1CKA100( )
200
2000
22
4
7
39
0.16
0.45
1.5
5.0
2.5
ECEA1CKA220( )
200
2000
33
5
7
60
0.16
0.45
2.0
5.0
2.5
ECEA1CKA330( )
200
2000
47
5
7
70
0.16
0.45
2.0
5.0
2.5
ECEA1CKA470( )
200
2000
100
6.3
7
91
0.16
0.45
2.5
5.0
2.5
ECEA1CKA101( )
200
2000
25
10
4
7
28
0.14
0.45
1.5
5.0
2.5
ECEA1EKA100( )
200
2000
22
5
7
55
0.14
0.45
2.0
5.0
2.5
ECEA1EKA220( )
200
2000
33
6.3
7
65
0.14
0.45
2.5
5.0
2.5
ECEA1EKA330( )
200
2000
47
6.3
7
70
0.14
0.45
2.5
5.0
2.5
ECEA1EKA470( )
200
2000
35
10
5
7
30
0.12
0.45
2.0
5.0
2.5
ECEA1VKA100( )
200
2000
22
6.3
7
60
0.12
0.45
2.5
5.0
2.5
ECEA1VKA220( )
200
2000
33
6.3
7
65
0.12
0.45
2.5
5.0
2.5
ECEA1VKA330( )
200
2000
47
8
7
85
0.12
0.45
2.5
2.5
ECEA1VKA470( )
200
1000
8
7
85
0.12
0.45
5.0
ECEA1VKA470Q
1000
50
0.1
4
7
1
0.10
0.45
1.5
5.0
2.5
ECEA1HKA0R1( )
✽✽✽
200
2000
0.22
4
7
2
0.10
0.45
1.5
5.0
2.5
ECEA1HKAR22( )
✽✽✽ 200
2000
0.33
4
7
3
0.10
0.45
1.5
5.0
2.5
ECEA1HKAR33( )
✽✽✽ 200
2000
0.47
4
7
5
0.10
0.45
1.5
5.0
2.5
ECEA1HKAR47( )
✽✽✽
200
2000
1
4
7
10
0.10
0.45
1.5
5.0
2.5
ECEA1HKA010( )
✽✽✽
200
2000
2.2
4
7
16
0.10
0.45
1.5
5.0
2.5
ECEA1HKA2R2( )
200
2000
3.3
4
7
18
0.10
0.45
1.5
5.0
2.5
ECEA1HKA3R3( )
200
2000
4.7
4
7
23
0.10
0.45
1.5
5.0
2.5
ECEA1HKA4R7( )
200
2000
10
5
7
35
0.10
0.45
2.0
5.0
2.5
ECEA1HKA100( )
200
2000
22
6.3
7
60
0.10
0.45
2.5
5.0
2.5
ECEA1HKA220( )
200
2000
33
8
7
75
0.10
0.45
2.5
2.5
ECEA1HKA330( )
200
1000
8
7
75
0.10
0.45
5.0
ECEA1HKA330Q
1000
· When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch
✽B=5 mm, i=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
✽✽✽ Please kindly accept last shipment : 31/Mar/2015
Endurance : 85 °C 1000 h
02
Apr. 2014


Similar Part No. - ECEA1HKA2R2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA1HKA2R2 PANASONIC-ECEA1HKA2R2 Datasheet
121Kb / 2P
   Radial Lead Type
ECEA1HKA2R2 PANASONIC-ECEA1HKA2R2 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA1HKA2R2 PANASONIC-ECEA1HKA2R2 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA1HKA2R2 PANASONIC-ECEA1HKA2R2 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA1HKA2R2 PANASONIC-ECEA1HKA2R2 Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
More results

Similar Description - ECEA1HKA2R2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-A0JKA101I PANASONIC-ECE-A0JKA101I Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A1CKA101I PANASONIC-ECE-A1CKA101I Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A1HKA100 PANASONIC-ECE-A1HKA100 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A1VKA220 PANASONIC-ECE-A1VKA220 Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A1AKA220 PANASONIC-ECE-A1AKA220 Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A0JKA221B PANASONIC-ECE-A0JKA221B Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A1EKA220 PANASONIC-ECE-A1EKA220 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECE-A1AKA470I PANASONIC-ECE-A1AKA470I Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com