Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECO-S1HA332CA Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECO-S1HA332CA
Description  Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECO-S1HA332CA Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECO-S1HA332CA Datasheet HTML 1Page - Panasonic Semiconductor ECO-S1HA332CA Datasheet HTML 2Page - Panasonic Semiconductor ECO-S1HA332CA Datasheet HTML 3Page - Panasonic Semiconductor ECO-S1HA332CA Datasheet HTML 4Page - Panasonic Semiconductor ECO-S1HA332CA Datasheet HTML 5Page - Panasonic Semiconductor ECO-S1HA332CA Datasheet HTML 6Page - Panasonic Semiconductor ECO-S1HA332CA Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
39
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-HA Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
8200
22 x 35
2.70
3.
0.06
0.045
25 x 30
2.70
3.
0.06
0.045
30 x 25
2.70
3.
0.06
0.045
0000
22 x 40
3.00
3.45
0.05
0.039
25 x 35
3.00
3.45
0.05
0.039
30 x 30
3.00
3.45
0.05
0.039
2000
22 x 45
3.20
3.68
0.044
0.033
25 x 40
3.20
3.68
0.044
0.035
30 x 30
3.20
3.68
0.044
0.035
35 x 25
3.20
3.68
0.044
0.035
5000
25 x 45
3.60
4. 4
0.036
0.03
30 x 35
3.60
4. 4
0.036
0.03
35 x 30
3.60
4. 4
0.036
0.03
8000
25 x 50
3.90
4.49
0.030
0.027
30 x 40
3.90
4.49
0.030
0.027
35 x 35
3.90
4.49
0.030
0.027
22000
30 x 45
4.30
4.95
0.025
0.022
35 x 35
4.30
4.95
0.025
0.022
27000
35 x 45
4.80
5.52
0.02
0.0 9
33000
35 x 50
5.50
6.33
0.0 80.0 6
500
22 x 20
. 0
.27
0.287
0.2 6
2200
25 x 20
.40
.6
0. 96
0. 47
3300
22 x 25
.90
2. 90. 2
0.090
30 x 20
.70
.96
0. 3
0.098
3900
22 x 30
2.00
2.30
0.
0.083
4700
22 x 35
2.20
2.53
0.088
0.066
25 x 25
2.20
2.53
0.088
0.066
35 x 20
2.00
2.30
0.095
0.07
5600
22 x 35
2.40
2.76
0.074
0.056
25 x 30
2.40
2.76
0.074
0.056
30 x 25
2.40
2.76
0.074
0.056
6800
22 x 40
2.60
2.99
0.06
0.046
25 x 35
2.60
2.99
0.06
0.046
30 x 30
2.60
2.99
0.06
0.046
8200
22 x 50
2.90
3.34
0.05
0.038
25 x 40
2.90
3.34
0.05
0.038
30 x 30
2.90
3.34
0.05
0.038
35 x 25
2.90
3.34
0.05
0.038
0000
25 x 45
3.20
3.68
0.04
0.03
30 x 35
3.20
3.68
0.04
0.03
35 x 30
3.20
3.68
0.04
0.03
2000
25 x 50
3.50
4.03
0.035
0.026
30 x 40
3.50
4.03
0.035
0.026
35 x 30
3.50
4.03
0.035
0.026
5000
30 x 45
3.90
4.49
0.030
0.022
35 x 35
3.90
4.49
0.030
0.022
8000
35 x 40
4.30
4.95
0.028
0.02
22000
35 x 50
5.00
5.75
0.023
0.0 7
000
22 x 20
0.90
.04
0.265
0. 99
500
25 x 20
.20
.38
0. 77
0. 33
800
22 x 25
.50
.73
0. 29
0.097
2200
22 x 30
.70
.96
0. 05
0.079
30 x 20
.40
.6
0. 2
0.090
2700
22 x 30
.80
2.07
0.086
0.064
25 x 25
.80
2.07
0.086
0.064
3300
22 x 35
2.00
2.30
0.070
0.053
25 x 30
2.00
2.30
0.070
0.053
35 x 20
.70
.96
0.085
0.064
3900
22 x 40
2.20
2.53
0.064
0.048
25 x 35
2.20
2.53
0.064
0.048
30 x 25
2.20
2.53
0.064
0.048
4700
22 x 45
2.50
2.88
0.053
0.040
25 x 40
2.50
2.88
0.053
0.040
ECOS1VA153EA
ECOS1VA183EA
ECOS1VA223EA
ECOS1HA102BL
Max 105°C R.C. (Arms)
20°C ESR ( , max.)
50 VDC Working, 63 VDC Surge
ECOS1HA152CL
ECOS1HA222DL
ECOS1HA272BA
ECOS1HA392DA
ECOS1HA392BA
ECOS1HA392CA
ECOS1VA123EA
ECOS1VA332BA
ECOS1VA332DL
ECOS1VA392BA
ECOS1VA562DA
ECOS1VA682BA
ECOS1VA682CA
ECOS1VA682DA
ECOS1VA822EA
ECOS1VA822CA
ECOS1VA472EL
ECOS1VA562BA
ECOS1EA822BA
ECOS1EA822CA
ECOS1VA153DA
ECOS1VA152BL
35 VDC Working, 44 VDC Surge
ECOS1VA222CL
ECOS1VA103EA
ECOS1VA123CA
ECOS1VA123DA
ECEC1EA153DA
ECOS1EA183CA
ECOS1EA183DA
ECEC1EA822BA
ECOS1EA123DA
ECOS1EA123EA
ECOS1EA153CA
ECOS1EA223EA
ECEC1EA153CA
ECEC1EA153EA
ECEC1EA183CA
ECEC1EA183DA
ECEC1EA183EA
ECOS1EA183EA
ECOS1HA222BA
ECOS1HA272CA
ECOS1HA182BA
ECOS1HA332BA
ECOS1EA223DA
ECEC1VA103EA
ECEC1EA103CA
ECEC1EA103DA
ECEC1EA123BA
ECEC1EA123CA
ECEC1VA472EL
ECEC1VA562BA
ECEC1VA472CA
ECEC1VA152BL
ECEC1VA183EA
ECEC1HA332BA
ECEC1HA392BA
ECEC1HA102BL
ECEC1HA152CL
Size (mm)
D x L
25 VDC Working, 32 VDC Surge (continued)
4.0mm Length Terminal
6.3mm Length Terminal
ECOS1EA103DA
ECOS1EA123BA
ECOS1EA123CA
ECEC1VA123EA
ECEC1EA223DA
ECEC1EA223EA
ECEC1EA273EA
ECEC1EA333EA
ECOS1EA273EA
ECOS1EA333EA
ECEC1VA153DA
ECEC1VA153EA
ECEC1VA682CA
ECEC1VA682DA
ECEC1VA103CA
ECEC1VA822CA
ECEC1VA822DA
ECEC1VA822EA
ECEC1VA123CA
ECEC1VA103DA
ECEC1HA332CA
ECOS1HA332EL
ECEC1HA182BA
ECEC1HA222BA
ECEC1HA222DL
ECEC1HA272BA
ECEC1HA272CA
ECEC1HA392CA
ECEC1HA392DA
ECEC1HA472BA
ECEC1HA472CA
ECOS1HA472CA
Part numbers shown with 2 pins
ECEC1VA223EA
ECEC1VA123DA
ECEC1VA222CL
ECEC1VA332BA
ECEC1VA332DL
ECOS1HA472BA
ECOS1HA332CA
ECEC1HA332EL
ECOS1EA153DA
ECOS1EA153EA
Panasonic Part Number (By Terminal Length)
ECOS1EA103CA
ECEC1EA822CA
ECEC1EA123DA
ECEC1EA123EA
ECOS1EA822DA
ECOS1EA103BA
ECEC1EA822DA
ECEC1EA103BA
ECOS1VA562CA
ECEC1VA822BA
ECOS1VA822BA
ECEC1VA392BA
ECEC1VA472BA
ECEC1VA562CA
ECEC1VA562DA
ECEC1VA682BA
ECOS1VA472BA
ECOS1VA472CA
ECOS1VA822DA
ECOS1VA103CA
ECOS1VA103DA


Similar Part No. - ECO-S1HA332CA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1HA472BA PANASONIC-ECO-S1HA472BA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA562EA PANASONIC-ECO-S1HA562EA Datasheet
243Kb / 5P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - ECO-S1HA332CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com