Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECOS1AA223DA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECOS1AA223DA
Description  Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1AA223DA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECOS1AA223DA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1AA223DA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1AA223DA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1AA223DA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1AA223DA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1AA223DA Datasheet HTML 6Page - Panasonic Semiconductor ECOS1AA223DA Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
37
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
Long 3000 hour life at 105°C with high ripple current capability
2 and 3 pin versions available
Can vent construction
**Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
Part Number System
Diameter
Code
22
B
25
C
30
D
35
E
Leakage Current:
Ripple Current Multipliers:
3 CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV
Endurance:
*2000 hours for 20mm length sizes
3000 hours* at + 05°C with maximum specified ripple current (see page 4)
TS-HA/HB Series 105°C, 3000 hours
Nominal Capacitance:
80~68000µF
Rated Working Voltage:
Operating Temperature:
0 ~ 250 VDC
-40 ~ + 05°C
385 ~ 450 VDC
-25 ~ + 05°C
82~560µF
Capacitance Tolerance:
Dissipation Factor:
(120 Hz, +20°C)
± 20%
Diameter
Frequency(Hz):
16~100WV:
50
160~450WV:
0.93
0.75
0.95
0.8
1.0
1.0
1.2
1.08
1.25
1.15
1.4
1.05
60
100~120
500
1k
10k
T
L+2 max.
D+1 max.
Circuit Board Mounting Holes
10.0±0.1
Ø2.0±0.1
Ø2.0±0.1
4.75±0.1
Ø2.5 min.
3.3±0.1
T
L+2 max.
D+1 max.
10.0±0.1
2 x Ø2.0±0.1
Circuit Board Mounting Holes
2 Pin Mounting Style
3 Pin Mounting Style
Pin Dimensions
Working Voltage [V]:
Max. D.F. (%):
0
55
25
20
00 ~ 450
5
(rated cap. [µF] - 33000 )
000
For capacitance values > 33000µF, add the value of:
6
45
25
35
35
30
50
63
80
7
Ripple Current Ambient Temperature Factors**
45°C
2.35
60°C
70°C
85°C
Temperature (°C):
Multiplier:
1.7
2.0
2.2
105°C
1.0
4mm Length: Standard on 3 Pin, Available on 2 Pin Mounting Styles
+0.2
"T" 6.3mm Length: Standard on 2 Pin Mounting Style
Top of Capacitor Body
4.0±0.5
1.5±0.2
2.0 max.
0.8
+0.2
-0.1
3.5
6.3±1.0
1.5±0.2
2.0 max.
0.8 -0.1
4.0
E
C
A
Capacitance
Code
Series
Code
Voltage Code
2G
2T
2E
2D
2C
2A
K
J
H
V
E
25
35
50
63
80
00
60 200 250 385 400
C
6
2W
450
A
0
Terminal Style
ECOS
ECEC
ECE3
Prefix Length # of Pins
6.3mm
4.0mm
4.0mm
2
2
3
B
RoHS
Compliant
Suffix
A
X
L
Standard Ratings
Extended CV Ratings
20mm Length Ratings
RoHS compliant PVC sleeve and top
plate is standard. PET sleeve is
available without top plate.


Similar Part No. - ECOS1AA223DA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOS1AA223DA PANASONIC-ECOS1AA223DA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
ECOS1AA223DA PANASONIC-ECOS1AA223DA Datasheet
583Kb / 7P
   Aluminum Electrolytic Capacitors
ECOS1AA223DA PANASONIC-ECOS1AA223DA Datasheet
243Kb / 5P
   Large Can Aluminum Electrolytic Capacitors
ECOS1AA223DA PANASONIC-ECOS1AA223DA Datasheet
583Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
ECOS1AA223DA PANASONIC-ECOS1AA223DA Datasheet
593Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
More results

Similar Description - ECOS1AA223DA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com