Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3232E Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL3232E
Description  짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3232E Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL3232E Datasheet HTML 2Page - Intersil Corporation ICL3232E Datasheet HTML 3Page - Intersil Corporation ICL3232E Datasheet HTML 4Page - Intersil Corporation ICL3232E Datasheet HTML 5Page - Intersil Corporation ICL3232E Datasheet HTML 6Page - Intersil Corporation ICL3232E Datasheet HTML 7Page - Intersil Corporation ICL3232E Datasheet HTML 8Page - Intersil Corporation ICL3232E Datasheet HTML 9Page - Intersil Corporation ICL3232E Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
FN4910.21
February 22, 2010
Pin Configurations
ICL3221E
(16 LD SSOP, TSSOP)
TOP VIEW
ICL3222E
(18 LD PDIP, SOIC)
TOP VIEW
ICL3222E
(20 LD SSOP, TSSOP)
TOP VIEW
ICL3223E
(20 LD SSOP, TSSOP)
TOP VIEW
ICL3232E
(16 LD SOIC, SSOP, TSSOP-16)
TOP VIEW
ICL3232E
(20 LD TSSOP-20)
TOP VIEW
EN
C1+
V+
C1-
C2+
C2-
V-
R1IN
FORCEOFF
GND
T1OUT
FORCEON
T1IN
R1OUT
VCC
INVALID
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
EN
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
SHDN
GND
T1OUT
R1IN
R1OUT
T2IN
VCC
T1IN
R2OUT
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
EN
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
SHDN
GND
T1OUT
R1IN
R1OUT
T1IN
NC
VCC
NC
T2IN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
R2OUT
EN
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
FORCEOFF
GND
T1OUT
R1IN
R1OUT
T1IN
INVALID
VCC
FORCEON
T2IN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
R2OUT
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
VCC
T1OUT
R1IN
R1OUT
T1IN
R2OUT
GND
T2IN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
NC
GND
T1OUT
R1IN
R1OUT
T1IN
NC
VCC
T2IN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
NC
R2OUT
ICL3221E, ICL3222E, ICL3223E, ICL3232E, ICL3241E, ICL3243E


Similar Part No. - ICL3232E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3232E INTERSIL-ICL3232E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3232E INTERSIL-ICL3232E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ICL3232E INTERSIL-ICL3232E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3232E INTERSIL-ICL3232E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3232E INTERSIL-ICL3232E Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
More results

Similar Description - ICL3232E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3221E INTERSIL-ICL3221E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243EIA INTERSIL-ICL3243EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECVZ-T INTERSIL-ICL3243ECVZ-T Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83239E INTERSIL-ISL83239E Datasheet
567Kb / 12P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83239E INTERSIL-ISL83239E_04 Datasheet
343Kb / 11P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com