Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP2860 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP2860
Description  300 mA Very Low Noise, Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2860 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP2860 Datasheet HTML 3Page - ON Semiconductor NCP2860 Datasheet HTML 4Page - ON Semiconductor NCP2860 Datasheet HTML 5Page - ON Semiconductor NCP2860 Datasheet HTML 6Page - ON Semiconductor NCP2860 Datasheet HTML 7Page - ON Semiconductor NCP2860 Datasheet HTML 8Page - ON Semiconductor NCP2860 Datasheet HTML 9Page - ON Semiconductor NCP2860 Datasheet HTML 10Page - ON Semiconductor NCP2860 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NCP2860
http://onsemi.com
9
DETAILED OPERATING DESCRIPTION
Internal Pass Transistor
The NCP2860 incorporates a 0.5
W typical P−channel
MOSFET pass transistor. The P−channel MOSFET requires
no drive current and then compared to the PNP based
regulators, this solution drastically reduces the quiescent
current and associated losses.
Shutdown Block
The circuit turns into shutdown mode when the shutdown
pin is in low state. In this mode, the internal biasing current
sources are disconnected so that the pass transistor is off and
the consumption reduced to a minimum value. Practically,
the shutdown consumption is in the range of 10 nA. When
this function is unused, “IN’’ is generally applied to the
shutdown pin.
Current Limitation
The NCP2860 incorporates a short circuit protection that
prevents the pass transistor current from exceeding 465 mA
typically. The current limit is set to 220 mA during the
start−up phase.
Thermal Protection
The thermal protection protects the die against excessive
overheating. Practically, when the junction temperature
exceeds 170°C for the 2.77 V option and 150°C for the 3.0 V
option, an internal thermal sensor sends a logical signal to
the shutdown block so that the circuit enters the shutdown
mode. Once the die has cooled enough (typically 30°C), the
circuit enters a new working phase.
Output Voltage Setting
a) The output voltage is set by internal resistor divider to
2.77 V for NCP2860DM277R2 device. The ”SET” pin must
be grounded or pulled below 0.2 V.
b) The output voltage can also be programmed to a different
value for NCP2860DMADJR2G device. In this case a
portion of the output voltage acquired by the external
resistor divider must be applied to the ”SET” pin. Do not
leave the ”SET” pin unconnected. If a (R1, R2) external
resistors divider is used, then output voltage is given by
equation:
Vout = (1 + R1/R2) * Vref
Therefore, as Vref typically equals 1.244 V:
Vout = 1.244 * (1 + R1/R2).
Now if R1 and R2 are high impedance resistors, the
leakage current that is absorbed by the “SET’’ pin, may have
to be taken into account as follows:
Vout = [1.244 * (1 + R1/R2)] + (R1*Ilk) where Ilk is the
“SET’’ pin leakage current.
If the output voltage is directly applied to the “SET’’ pin,
Vout = Vref = 1.244 V.
OUT
SET
NCP2860
R1
R2
Vout
Regulation
The circuit incorporates a transconductance error
amplifier. The error amplifier output varies in response to
load and input voltage variations to control the pass
transistor current so that the “OUT’’ pin delivers the wished
voltage. No compensation capacitor is required.
Fault Detection Circuitry
The circuit detects when the input−output differential
voltage is too low to ensure a correct load and line regulation
at the output. The input−output differential threshold scales
proportionally with the load current to be always just higher
than the dropout.
When the circuit detects a fault condition, an internal
switch connects “FAULT’’ to ground. In normal operation,
the “FAULT’’ terminal is an open−drain−N−channel
MOSFET and if a pull−up resistor is connected between
“OUT’’ and “FAULT’’, “FAULT’’ goes high. The pullup
resistor is generally selected in the range of 100 k
W to
minimize the current consumption.
Application Information
It is recommended to use 2.2
mF capacitors on the input
and on the output of the NCP2860. Capacitor type is not very
critical. Simply the ESR should be lower than 0.5
W to
ensure a stable operation over the temperature and output
current ranges. It could be convenient to increase the
capacitor size and its quality (lower ESR) only if it was
necessary to further improve the noise performances, the
Power Supply Rejection Ratio or the fast transient response.


Similar Part No. - NCP2860

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860 ONSEMI-NCP2860 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP2860DM277R2 ONSEMI-NCP2860DM277R2 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860DM277R2 ONSEMI-NCP2860DM277R2 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
More results

Similar Description - NCP2860

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
logo
STMicroelectronics
LD59030 STMICROELECTRONICS-LD59030 Datasheet
1Mb / 24P
   300 mA very low dropout linear regulator IC
Rev 8 - March 2021
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com