Electronic Components Datasheet Search |
|
T322A104K035AT Datasheet(PDF) 1 Page - Kemet Corporation |
|
T322A104K035AT Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 19 page TANTALUM MOLDED / AXIAL — MIL-PRF-49137/1&5 T322 & T323 (CX01 & CX05) SERIES 42 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 The KEMET T322 AND T323 (CX01 & CX05) Series offers a com- plete line of extended range molded solid tantalum capacitors designed specifically for high speed automatic insertion applications. These capacitors offer an extremely high capacitance-to-volume ratio while still maintaining excellent performance characteristics. Supplied in six axial lead tubular case sizes, these capacitors are ideally suited for use in printed wiring boards and all applications requiring a high degree of packaging density and can be supplied in bulk packaging or lead-taped on reels. The T322/T323 Series dimensions and tight lead wire-to-body con- centricity permit installation by the same automatic insertion equip- ment used for diodes and resistors. Available in working voltages of 2, 4, 6, 10, 15, 20, 25, 35, and 50 volts. Operating temperature range -55°C to +85°C at full rated voltage and with 2⁄3 85°C rated voltage at 125°C. The gold color epoxy utilized permits laser marking with outstanding permanency and legibility. T323 Series capacitors are qualified under MIL-PRF-49137/1 & 5 as Military Style CX01 & CX05. Typical applications include decoupling, blocking, bypassing and fil- tering in commercial computers, data processing, communications, and other electronic equipment. The low ESR/impedance at high fre- quencies offered by this capacitor is especially suitable for decou- pling required by high speed computers. • CAPACITANCE/VOLTAGE RANGE: 0.1-330µF, 2-50 Volts. • CAPACITANCE TOLERANCE: Available in standard EIA nominal values with ±20%, ±10% and ±5% toler- ance. • DISSIPATION FACTOR: Maximum DF limits are shown in corresponding series part number listings on pages 44-48. See Application Notes Section, page 76 for addi- tional description. • DC LEAKAGE CURRENT: Each corresponding part number table lists maximum leakage current for each capacitor on pages 44 through 48. See Application Notes Section, page 76 for additional description. • RATED VOLTAGE; WORKING VOLTAGE; SURGE VOLTAGE; REVERSE VOLTAGE: See Application Notes Section, page 76 & 77 for description. • AC RIPPLE VOLTAGE: Permissible AC ripple voltage is related to equivalent series resistance (ESR) and power dissipation capability. Maximum power dissipation for each case size is listed in Table below. For additional description see page 79. • IMPEDANCE and ESR: See Application Notes Section, pages 77 & 78 for description. Reference ESR values are shown in adjoining column, this page. • ENVIRONMENTAL CONSIDERATIONS: A. Shock Test: MIL-STD-202, Method 213. B. Thermal Shock, MIL-STD-202, Method 107. C. Moisture Resistance: MIL-STD-202, Method 106. D. Solderability: MIL-STD-202, Method 208. For additional Environmental Test Information see pages 80, 81 and 82. • LEAD MATERIAL: Solder coated steel core with copper ply per MIL-STD-1276. • LEAD TAPE and REEL: Reeling per specification RS-296. See pages 71 and 73 for additional infor- mation. PERFORMANCE CHARACTERISTICS Case Power Dissipation Size (max.) @ 25°C (watts) A .060 B .070 C .080 D .090 E .100 F.110 Maximum Power Dissipation Capability @ 25°C T322 ESR (OHMS) at 100 kHz @ +25 °C (The ESR values provided below are for reference only. No warranty, as stated on page 3 and reincorporated here, is made as to the accuracy of these values for any particular T322 Series product.) 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.00 1.20 1.50 1.80 2.20 2.70 3.30 3.90 4.70 5.60 6.80 8.20 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 13.0 13.0 10.0 10.0 8.0 8.0 6.0 6.0 5.0 5.0 3.7 3.7 3.0 3.0 2.0 2.0 1.8 1.8 1.6 1.6 0.9 0.9 0.9 0.9 0.7 13.0 13.0 10.0 10.0 8.0 8.0 6.0 6.0 5.0 5.0 3.7 3.7 2.7 2.7 2.1 2.1 1.7 1.7 1.3 1.3 1.0 1.0 0.8 0.8 0.6 10.0 10.0 8.0 8.0 6.0 6.0 5.0 5.0 4.0 4.0 3.2 3.2 2.5 2.5 2.0 2.0 1.6 1.6 1.3 1.3 1.0 1.0 0.8 0.8 0.6 10.0 10.0 9.0 9.0 7.0 7.0 5.5 5.5 4.5 4.5 3.6 3.6 2.9 2.9 2.3 2.3 1.8 1.8 1.4 1.4 1.2 1.2 0.9 0.9 0.6 16.0 14.0 12.0 12.0 10.0 10.0 8.0 8.0 6.0 6.0 5.0 5.0 4.0 4.0 3.1 3.1 2.5 2.5 2.0 2.0 1.5 1.5 1.2 1.2 1.0 1.0 0.8 26.0 26.0 21.0 21.0 17.0 17.0 15.0 15.0 13.0 13.0 10.0 10.0 8.0 8.0 6.0 6.0 5.0 5.0 4.0 4.0 3.0 3.0 2.5 2.5 2.0 2.0 1.6 1.6 1.3 1.3 1.0 1.0 0.8 26.0 26.0 21.0 21.0 17.0 17.0 15.0 15.0 13.0 13.0 10.0 10.0 8.0 8.0 5.0 5.0 3.5 3.5 3.0 3.0 2.5 2.5 2.0 2.0 1.6 1.6 1.2 1.2 1.0 1.0 Cap. µF 6 Volt 10 Volt 15 Volt 20 Volt 25 Volt 35 Volt 50 Volt |
Similar Part No. - T322A104K035AT |
|
Similar Description - T322A104K035AT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |