Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

144970 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 144970
Description  TMC-S 09-THR-1,7-6,3-BA8
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

144970 Datasheet(HTML) 1 Page - ERNI Electronics

  144970 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36
7 x 36 = 252
330
150
56,5
Verpackt in Gurtverpackung
-
Tape on Reel Packaging
Verpackungseinheit: 75 Stück -
Packaging unit: 75 pcs
e
e
Abspulrichtung -
Reel off Direction
Anforderungsstufe: 2
class: 2
Anschlussbereich verzinnt
terminal area tin plating
Beschriftung nach Bedruckungsvorschrift 174538
Part marking according to specification 174538
0,05
0,05
A
0,05
A
recommended layout:
Additional indications according to drawing 204625
(9x)
Layoutvorschlag:
Sonstige Angaben siehe Zeichnung 204625 /
Pin 1
B
B
1,37
2,74
4 x 2,74 = 10,96
+0,09
-0,06
1
2,74
3 x 2,74 = 8,22
25 ±0,05
pcb
Leiterplatte
0,6
ohne /
without
version 1
Variante 1
tray
M3
Variante 1
Ident.-Nr.
part-no.
tray
Variante 2
version 2
ohne
without
Mutter
thread
Bolzen
bolt
Bemerkung
remark
204894
204889
204884
version 1
Ident.-Nr.
part-no.
Ident-Nr.
part-no.
tape &reel
204883 204888 204893
X
204887 204892 204897
#4-40
204886 204891 204896
M3
204885 204890 204895
#4-40
Index
Date
E
25.01.2010
A3
prior notice.
contact one of the ERNI companies
TMCS
TMC-S 09-THR-1,7-6,3-type 8
TMC-S 09-THR-1,7-6,3-BA8
144970
2:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Ansaughaube nur bei Version 1
hood only on version 1
±0,1
+0,2
16
25
31 -0,4
Verpackt in Tray
Verpackungseinheit 48 St.
packaging unit 48 pcs
tray packaging
Pin 1
Sonstige Angaben siehe Zeichnung 204628 /
Additional indications according to drawing 204628
max. 325
M 1:1
/ #4-40
Mutter /
/ thread
nut
thread depth max. 3,7 mm
M3
max. Einschraubtiefe 3,7 mm
Gewinde
/ #4-40
Bolzen /
/ thread
bolt
thread depth max. 5,5 mm
M3
max. Einschraubtiefe 5,5 mm
Gewinde
3,7
Pin 1
24
Missing information and dimensions according to DIN 41652
Additional indications according to the production documentation
Fehlende Masse und Angaben siehe DIN 41652 /
Sonstige Angaben siehe Fertigungsunterlagen /
Variante 1
version 1
Bestückung kraftlos
powerless assembly
Variante 2
version 2
Bestückung mit Kraft
assembly with force


Similar Part No. - 144970

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
144971 ERNI-144971 Datasheet
69Kb / 1P
   TMC-S 15-THR-1,7-6,3-BA8
144974 ERNI-144974 Datasheet
69Kb / 1P
   TMC-P 09-THR-2,7-6,3-BA8
144975 ERNI-144975 Datasheet
73Kb / 1P
   TMC-P 15-THR-2,7-6,3-BA8
144976 ERNI-144976 Datasheet
81Kb / 1P
   TMC-P 25-THR-2,7-6,3-BA8
144977 ERNI-144977 Datasheet
87Kb / 1P
   TMC-P 37-THR-2,7-6,3-BA8
More results

Similar Description - 144970

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
144966 ERNI-144966 Datasheet
69Kb / 1P
   TMC-P 09-THR-1,7-6,3-BA8
144971 ERNI-144971 Datasheet
69Kb / 1P
   TMC-S 15-THR-1,7-6,3-BA8
144983 ERNI-144983 Datasheet
71Kb / 1P
   TMC-S 09-THR-5,3-6,3-BA8
144978 ERNI-144978 Datasheet
68Kb / 1P
   TMC-S 09-THR-2,7-6,3-BA8
144982 ERNI-144982 Datasheet
69Kb / 1P
   TMC-P 09-THR-5,3-6,3-BA8
100100730004 ERNI-100100730004 Datasheet
78Kb / 1P
   TMC-P 09-THR-2,7-6,3-BA8
144974 ERNI-144974 Datasheet
69Kb / 1P
   TMC-P 09-THR-2,7-6,3-BA8
144893 ERNI-144893 Datasheet
94Kb / 1P
   TMC-S 09-SMD-6,3-BA8
224870 ERNI-224870 Datasheet
71Kb / 1P
   TMC-S 09-TL-2,7-6,3-BA8
144900 ERNI-144900 Datasheet
83Kb / 1P
   TMC-S 09-EE-3,0-6,3-BA8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com