Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC8218HS Datasheet(PDF) 11 Page - Ericsson

Part # PMC8218HS
Description  DC/DC regulator Input 8.3 - 16 V Output 16 A
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMC8218HS Datasheet(HTML) 11 Page - Ericsson

Back Button PMC8218HS Datasheet HTML 7Page - Ericsson PMC8218HS Datasheet HTML 8Page - Ericsson PMC8218HS Datasheet HTML 9Page - Ericsson PMC8218HS Datasheet HTML 10Page - Ericsson PMC8218HS Datasheet HTML 11Page - Ericsson PMC8218HS Datasheet HTML 12Page - Ericsson PMC8218HS Datasheet HTML 13Page - Ericsson PMC8218HS Datasheet HTML 14Page - Ericsson PMC8218HS Datasheet HTML 15Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
10
EN/LZT146064R2A© EricssonPowerModules,March2007
PMC8818TSDatasheet
Output Characteristic
Start-Up
Outputvoltagevs.loadcurrent.
Start-upatIO=16AresistiveloadatTref=+25°C,
Vin=12V.StartenabledbyconnectingVin.
Toptrace:outputvoltage(1V/div.).
Bottomtrace:inputvoltage(10V/div.).
Timescale:2ms/div.
Efficiency
Power Dissipation
Adjusted to 1. Vout - Typical Characteristics
Efficiencyvs.loadcurrentandinputvoltageatTref=+25°C
Dissipatedpowervs.loadcurrentandinputvoltageat
Tref=+25°C
Generalconditions:Inputfilter4x4.7µF,Outputfilter2x150µF
Output Current Derating at 1 V input
Availableloadcurrentvs.ambientairtemperatureand
airflowatVin=12V.Seeconditionsonpage30.
Turn Off
Turn-offatIO=16AresistiveloadatTref=+25°C,
Vin=12V.Turn-offenabledbydisconnectingVin.
Toptrace:outputvoltage(1V/div.).
Bottomtrace:inputvoltage(10V/div.).
Timescale:2ms/div.


Similar Part No. - PMC8218HS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMC85XP NXP-PMC85XP Datasheet
238Kb / 15P
   30 V P-channel MOSFET with pre-biased NPN transistor
15 May 2013
logo
Nexperia B.V. All right...
PMC85XP NEXPERIA-PMC85XP Datasheet
725Kb / 15P
   30 V P-channel MOSFET with pre-biased NPN transistor
15 May 2013
logo
NXP Semiconductors
PMC85XP PHILIPS-PMC85XP_15 Datasheet
238Kb / 15P
   30 V P-channel MOSFET with pre-biased NPN transistor
15 May 2013
More results

Similar Description - PMC8218HS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PMB8818TP ERICSSON-PMB8818TP Datasheet
1Mb / 32P
   DC/DC regulator Input 8.3 - 16 V Output 16 A
PMB4518TWP ERICSSON-PMB4518TWP Datasheet
1Mb / 29P
   DC/DC regulator Input 3.0 - 5.5 V Output 16 A
logo
Bel Fuse Inc.
SRBC-16A1AX BEL-SRBC-16A1AX Datasheet
196Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
SRBC-16A2AX BEL-SRBC-16A2AX Datasheet
200Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
VRBC-16A2AX BEL-VRBC-16A2AX Datasheet
301Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.5 V/16 A Output
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
   DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
logo
Ericsson
PMC4318TWS ERICSSON-PMC4318TWS Datasheet
1Mb / 31P
   DC/DC regulator Input 3.0 - 5.5 V Output 10 A
logo
Bel Fuse Inc.
SRBC-10A2AX BEL-SRBC-10A2AX Datasheet
200Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/10 A Output
VRBA-06A2AX BEL-VRBA-06A2AX Datasheet
300Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V - 14 V Input 0.75 V - 5.5 V/6 A Output
SRBA-03A1AX BEL-SRBA-03A1AX Datasheet
155Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/3 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com