Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRDWT18-7DO-IV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PRDWT18-7DO-IV
Description  Long sensing distance proximity sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PRDWT18-7DO-IV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PRDWT18-7DO-IV Datasheet HTML 1Page - List of Unclassifed Manufacturers PRDWT18-7DO-IV Datasheet HTML 2Page - List of Unclassifed Manufacturers PRDWT18-7DO-IV Datasheet HTML 3Page - List of Unclassifed Manufacturers PRDWT18-7DO-IV Datasheet HTML 4Page - List of Unclassifed Manufacturers PRDWT18-7DO-IV Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
H/;
FXRN^R ]RNQ z9N`_V[Z S[] d[`] ^NSR_dz VZ [\R]N_V[Z
YNZ`NX ORS[]R `^VZT+
y
FH: IR]VR^
K\T]NQR
B[ZT ^RZ^VZT QV^_NZPR \][cVYV_d ^RZ^[]
h<RN_`]R^
gHRNXVeN_V[Z [S X[ZT ^RZ^VZT QV^_NZPR
|.+2f/ _VYR^ X[ZTR] ^RZ^VZT QV^_NZPR T`N]NZ_RRQ
P[Y\N]RQ _[ RcV^_VZT Y[QRX^}
g3MPROVED THE NOISE RESISTANCE WITH DEDICATED 3-
g9EVERSE POWER POLARITYp SURGEp OVERCURRENT PROTECTION
g4ONG LIFE CYCLE AND RELIABLE
g9ED 4/. STATUS INDICATION
g38z{ RATED WATERPROOF STRUCTUREm3/- STANDARDn
g9EPLACER FOR MICRO SWITCHES AND LIMIT SWITCHES
g-ABLE :UPPORT ADOPTED ~ 0OR MORE RELIABLE FLEXURAL
STRENGTH OF SENSORsCABLE CONNECTING PART
hI\RPVSVPN_V[Z^
g:9 /*bV]R _d\R
o+p3,Q]Z fZgdcbgZ [fZeiZbXm ^g h]Z VjZfV\Z jV`iZ0Q]Z ghVbYVfY gZbg^b\ hVf\Zh ^g igZY VbY h]Z k^Yh] ^g gZh Vg 4 h^aZg c[
h]Z ghVbYVfY gZbg^b\ hVf\Zh. 314 c[ h]Z gZbg^b\ Y^ghVbXZ [cf h]Z Y^ghVbXZ0
KcYZ`
PZbg^b\ Y^ghVbXZ
FmghZfZg^g
PhVbYVfY gZbg^b\
hVf\Zh
PZhh^b\ Y^ghVbXZ
NckZf gidd`m
+MdZfVh^b\ jc`hV\Z,
JZV_V\Z XiffZbh
OZgdcbgZ [fZeiZbXm
+p3,
OZg^YiV` jc`hV\Z
?[[ZXh^cb Wm QZad0
Acbhfc` cihdih
Gbgi`Vh^cb fZg^ghVbXZ
B^Z`ZXhf^X ghfZb\h]
S^WfVh^cb
P]cX_
GbY^XVhcf
?aW^Zbh hZadZfVhifZ
PhcfV\Z hZadZfVhifZ
?aW^Zbh ]ia^Y^hm
NfchZXh^cb X^fXi^h
NfchZXh^cb
Rb^h kZ^\]h
5AXr utk OF SENSING DISTANCE
uvqvx<.-
mutqwt<.-n
5AXr trzM+
=ITHIN \utk MAXr OF SENSING DISTANCE AT ovt^ IN TEMPERATURE RANGE OF qvy TO o{t^
v [ uttM+
5INryt5`mAT ytt<.- MEGAn
uytt<+- ytszt2Z FOR uMINUTE
uMM AMPLITUDE AT FREQUENCY OF ut [ yy2Z IN EACH OF >p ?p @ DIRECTIONS FOR v HOURS
yttMsScmyt1n >p ?p @ DIRECTIONS FOR w TIMES
7PERATING INDICATORm9ED 4/.n
qvy [ o{t^mNONqFREEZING CONDITIONn
qwt [ o|t^mNONqFREEZING CONDITIONn
wy[}yk92
38z{m3/- :TANDARDn
FH:J.5*4:E
FH:J.5*4:9
FH:MJ.5*4:E
FH:MJ.5*4:9
FH:J.5*4:E*?
FH:J.5*4:9*?
FH:MJ.5*4:E*?
FH:MJ.5*4:9*?
FH:J.5*4:E*?L
FH:J.5*4:9*?L
FH:MJ.5*4:E*?L
FH:MJ.5*4:9*?L
FH:J.5*.1:E
FH:J.5*.1:9
FH:MJ.5*.1:E
FH:MJ.5*.1:9
FH:J.5*.1:E*?
FH:J.5*.1:9*?
FH:MJ.5*.1:E*?
FH:MJ.5*.1:9*?
FH:J.5*.1:E*?L
FH:J.5*.1:9*?L
FH:MJ.5*.1:E*?L
FH:MJ.5*.1:9*?L
{MM \utk
uxMM \utk
vt]vt]uMM
m3RONn
+PPROXr |tG
+PPROXr {yG
vyt2Z
vtt2Z
5AXr wry<
9EVERSE POLARITY PROTECITONp :URGE PROTECTIONp 7VER CURRENT PROTECTION
xt]xt]uMM
m3RONn
t[}r|MM
t[xr}MM


Similar Part No. - PRDWT18-7DO-IV

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PRD TEC-PRD Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
logo
DIWELL Electronics Co.,...
PRD DIWELL-PRD Datasheet
61Kb / 5P
   1W REGULATED
2015/11/30
logo
Tyco Electronics
PRD-11AF0-240 MACOM-PRD-11AF0-240 Datasheet
824Kb / 4P
   PRD Series Power Relay
PRD-11AG0-120 MACOM-PRD-11AG0-120 Datasheet
824Kb / 4P
   PRD Series Power Relay
PRD-11AG0-24 MACOM-PRD-11AG0-24 Datasheet
824Kb / 4P
   PRD Series Power Relay
More results

Similar Description - PRDWT18-7DO-IV

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
logo
Texas Instruments
OPT3101 TI1-OPT3101 Datasheet
2Mb / 111P
[Old version datasheet]   ToF based Long Range Proximity and Distance Sensor AFE
OPT3101 TI1-OPT3101_18 Datasheet
2Mb / 120P
[Old version datasheet]   ToF-Based Long-Range Proximity and Distance Sensor AFE
logo
Omron Electronics LLC
E3Z-D61 OMRON-E3Z-D61 Datasheet
486Kb / 15P
   Compact Sensor Offers Long Sensing Distance and Superior Noise-Immunity
E2KC25MY1 OMRON-E2KC25MY1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
E2R-A01 OMRON-E2R-A01 Datasheet
374Kb / 4P
   Compact Low Profile Inductive Proximity Sensor with 5 mm Sensing Distance
logo
Sharp Corporation
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200 Datasheet
212Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
Rev. 1.1, 22-Sep-17
VCNL4200 VISHAY-VCNL4200_V01 Datasheet
230Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com