Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

QTHA-1MB0-RS Datasheet(PDF) 1 Page - Ralston Instruments.

Part # QTHA-1MB0-RS
Description  Connect Female BSPP (ISO 228/1) parallel thread to Quick-test hose for temporary installation
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QTHA-1MB0-RS Datasheet(HTML) 1 Page - Ralston Instruments.

  QTHA-1MB0-RS Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QTHA-1MB0-RS
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTHA-1MB0-RS
G 1/8" male BSPP (ISO 228/1) x male Quick-test, no check-
valve, brass
Connect Female BSPP (ISO 228/1) parallel
thread to Quick-test hose for temporary
installation
Features
• Connect Quick-test hoses to any Female BSPP device such
as Druck, SI, Fluke or other hand pumps or pressure
calibrators
• Pressure tight seal is made on a bonded seal ring
• Made in USA
Specifications
Pressure Range
0 to 5000 psi (0 to 345 bar)
End C1
1/8" Male BSPP
End C2
Male Quick-test
Has Check Valve
No
Maximum Working
Temperature
225 °F (107 °C)
Construction
Brass
Seal materials
Buna-N
Dimensions A
1 in (2.54 cm)
Dimensions B
0.56 in (1.42 cm)


Similar Part No. - QTHA-1MB0-RS

ManufacturerPart #DatasheetDescription
Ralston Instruments.
Ralston Instruments.
QTHA-1MB0-RS RALSTON-QTHA-1MB0-RS Datasheet
492Kb / 1P
   Brass
QTHA-1MB0-RS RALSTON-QTHA-1MB0-RS_19 Datasheet
492Kb / 1P
   Brass
More results

Similar Description - QTHA-1MB0-RS

ManufacturerPart #DatasheetDescription
Ralston Instruments.
Ralston Instruments.
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS Datasheet
318Kb / 1P
   Connect Female BSPP (ISO 228/1) parallel thread to Quick-test hose for temporary installation
QTHA-2MB0-RS RALSTON-QTHA-2MB0-RS Datasheet
336Kb / 1P
   Connect Female BSPP (ISO 228/1) parallel thread to Quick-test hose for temporary installation
QTHA-3MB0-RS RALSTON-QTHA-3MB0-RS Datasheet
336Kb / 1P
   Connect Female BSPP (ISO 228/1) parallel thread to Quick-test hose for temporary installation
QTHA-4FB0-RG RALSTON-QTHA-4FB0-RG Datasheet
322Kb / 1P
   Connect Male BSPP (ISO 228/1) parallel thread to Quick-test hose for temporary installation
QTHA-2FB0-RG RALSTON-QTHA-2FB0-RG Datasheet
322Kb / 1P
   Connect Male BSPP (ISO 228/1) parallel thread to Quick-test hose for temporary installation
QTHA-3FB0-RG RALSTON-QTHA-3FB0-RG Datasheet
322Kb / 1P
   Connect Male BSPP (ISO 228/1) parallel thread to Quick-test hose for temporary installation
QTFT-3MB0-RS RALSTON-QTFT-3MB0-RS Datasheet
335Kb / 1P
   Connect Female BSPP (ISO 228/1) parallel thread to Quick-test hose for permanent installation where frequent calibrations are performe
QTFT-1MB0-RS RALSTON-QTFT-1MB0-RS Datasheet
335Kb / 1P
   Connect Female BSPP (ISO 228/1) parallel thread to Quick-test hose for permanent installation where frequent calibrations are performed
QTFT-2MB0-RS RALSTON-QTFT-2MB0-RS Datasheet
335Kb / 1P
   Connect Female BSPP (ISO 228/1) parallel thread to Quick-test hose for permanent installation where frequent calibrations are performed
QTFT-2MS0-RS RALSTON-QTFT-2MS0-RS Datasheet
318Kb / 1P
   Connect Female BSPP (ISO 228/1) parallel thread to Quick-test hose for permanent installation where frequent calibrations are performed
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com