Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92550 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92550
Description  450mA 14W Constant Current Buck LED Driver Micro-Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92550 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS92550 Datasheet HTML 3Page - Texas Instruments TPS92550 Datasheet HTML 4Page - Texas Instruments TPS92550 Datasheet HTML 5Page - Texas Instruments TPS92550 Datasheet HTML 6Page - Texas Instruments TPS92550 Datasheet HTML 7Page - Texas Instruments TPS92550 Datasheet HTML 8Page - Texas Instruments TPS92550 Datasheet HTML 9Page - Texas Instruments TPS92550 Datasheet HTML 10Page - Texas Instruments TPS92550 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
20
24
28
32
36
80
85
90
95
100
VIN(V)
6LED
8LED
10LED
20
24
28
32
36
-3
-2
-1
0
1
2
3
VIN(V)
6LED
8LED
10LED
0
4
8
12 16 20 24 28 32 36
60
65
70
75
80
85
90
95
100
VIN(V)
1LED
2LED
3LED
4LED
0
4
8
12
16
20
24
28
32
36
-3
-2
-1
0
1
2
3
VIN(V)
1LED
2LED
3LED
4LED
20
24
28
32
36
80
85
90
95
100
VIN(V)
6LED
8LED
10LED
20
24
28
32
36
-3
-2
-1
0
1
2
3
VIN(V)
6LED
8LED
10LED
TPS92550, TPS92550EVM
www.ti.com
SNVS806B – MAY 2012 – REVISED OCTOBER 2012
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, the following conditions apply: VIN = 24V, CIN is a 2.2µF 100V X7R ceramic capacitor for driving
2–7 power LEDs with ILED = 350mA. Single LED forward voltage used is 3.2V. TA = 25°C for efficiency curves and waveforms.
Efficiency vs
ILED Regulation vs
VIN, ILED = 450mA
VIN, ILED = 450mA
Figure 12.
Figure 13.
Efficiency vs
ILED Regulation vs
VIN, ILED = 300mA
VIN, ILED = 300mA
Figure 14.
Figure 15.
Efficiency vs
ILED Regulation vs
VIN, ILED = 300mA
VIN, ILED = 300mA
Figure 16.
Figure 17.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS92550 TPS92550EVM


Similar Part No. - TPS92550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92550 TI1-TPS92550 Datasheet
1Mb / 21P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92550 TI1-TPS92550 Datasheet
2Mb / 25P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92550TZ TI1-TPS92550TZ Datasheet
1Mb / 21P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92550TZ/NOPB TI1-TPS92550TZ/NOPB Datasheet
2Mb / 25P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92550TZE TI1-TPS92550TZE Datasheet
1Mb / 21P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
More results

Similar Description - TPS92550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92550 TI1-TPS92550_16 Datasheet
2Mb / 25P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92550 TI1-TPS92550 Datasheet
1Mb / 21P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92551 TI1-TPS92551_14 Datasheet
1Mb / 22P
[Old version datasheet]   450mA 23W Constant Current Buck LED Driver Micro-Module
TPS92551 TI1-TPS92551 Datasheet
1Mb / 21P
[Old version datasheet]   450mA 23W Constant Current Buck LED Driver Micro-Module
TPS92551 TI1-TPS92551_16 Datasheet
2Mb / 26P
[Old version datasheet]   450mA 23W Constant Current Buck LED Driver Micro-Module
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7135 QXMD-QX7135 Datasheet
2Mb / 2P
   Linear buck LED constant current driver
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com