Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LKN-500 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # LKN-500
Description  REN (250V) RES (600V) Renewable Class H Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LKN-500 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  LKN-500 Datasheet HTML 1Page - Cooper Bussmann, Inc. LKN-500 Datasheet HTML 2Page - Cooper Bussmann, Inc. LKN-500 Datasheet HTML 3Page - Cooper Bussmann, Inc. LKN-500 Datasheet HTML 4Page - Cooper Bussmann, Inc. LKN-500 Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Description
Non-current limiting, renewable 250V (REN)
and 600V (RES) Class H fuses and fuse links
(250V LKN and 600V LKS) for use in electrical
systems where the available fault current is
less than 10,000 amps and frequent outages
dictate the economy of these renewable type
fuses.
NOTE: The 70-600 amp ratings of the REN
and RES fuses are now discontinued.
Suggested replacements are:
REN; Use 250V FRN-R Class RK5 fuses
(see data sheet # 1020)
RES; Use 600V FRS-R Class RK5 fuses
(see data sheet # 1018)
Replacement fuse links for all 1-600A ratings
(250V LKN & 600V LKS) will continue to be
available to service the installed base of REN
and RES fuses.
Ratings
Volts
- REN 250Vac
- RES 600Vac
Amps
- 1-60A
Interrupting Rating - 10kA RMS Sym.
Bussmann
REN (250V) & RES (600V) Renewable Class H Fuses
Technical Data 1028
Effective March 2014
250V REN Catalog numbers (1-60 Amps)
REN-1
REN-6
REN-15
REN-40
REN-2
REN-7
REN-20
REN-45
REN-3
REN-8
REN-25
REN-50
REN-4
REN-10
REN-30
REN-60
REN-5
REN-12
REN-35
-
250V REN Carton quantity and weight
Catalog
Number
Carton
Qty
Weight
Lbs (kg)*
REN 1–30
10
0.55 (0.249)
REN 35–60
10
1.40 (0.634)
*Weight per carton.
600V RES Catalog numbers (1-60 Amps)
RES-1
RES-6
RES-20
RES-45
RES-2
RES-8
RES-25
RES-50
RES-3
RES-10
RES-30
RES-60
RES-4
RES-12
RES-35
-
RES-5
RES-15
RES-40
-
600V RES Carton quantity and weight
Catalog
Number
Carton
Qty
Weight
Lbs (kg)*
RES 1–30
10
0.18 (0.082)
RES 35–60
10
0.36 (0.163)
*Weight per carton.
Features
Designed without multiple links for easy fuse link
replacement.
These fuses are generally sized at the amp
rating of non-inductive circuits and 300% for
motor circuits.
Recommended fuse blocks
Part Number
Description
H250 Series
250V, 30A & 60A 1-, 2- and
3-pole open fuse blocks
H600 Series
600V, 30A & 60A 1-, 2 and
3-pole open fuse blocks
For details, see data sheet # 1112 for the H250
Series and data sheet # 1113 for the H600 Series.


Similar Part No. - LKN-500

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LKN-500 COOPER-LKN-500 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
LKN-500 COOPER-LKN-500 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
More results

Similar Description - LKN-500

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RES-90 COOPER-RES-90 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
RES-150 COOPER-RES-150 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
logo
List of Unclassifed Man...
REN-1 ETC1-REN-1 Datasheet
615Kb / 5P
   REN (250V) and RES (600V) Renewable Class H size fuses
logo
Eaton All Rights Reserv...
REN EATON-REN Datasheet
615Kb / 5P
   REN (250V) and RES (600V) Renewable Class H size fuses
logo
Cooper Bussmann, Inc.
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
Littelfuse
RLN LITTELFUSE-RLN Datasheet
777Kb / 1P
   RLN/RLS Class H Fuses
logo
Cooper Bussmann, Inc.
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
logo
Littelfuse
RLN LITTELFUSE-RLN_V01 Datasheet
296Kb / 1P
   Class H ??RLN / RLS series fuses & lkn / lks links
Rev: 100112
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com