Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63051 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS63051
Description  SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63051 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS63051_14 Datasheet HTML 5Page - Texas Instruments TPS63051_14 Datasheet HTML 6Page - Texas Instruments TPS63051_14 Datasheet HTML 7Page - Texas Instruments TPS63051_14 Datasheet HTML 8Page - Texas Instruments TPS63051_14 Datasheet HTML 9Page - Texas Instruments TPS63051_14 Datasheet HTML 10Page - Texas Instruments TPS63051_14 Datasheet HTML 11Page - Texas Instruments TPS63051_14 Datasheet HTML 12Page - Texas Instruments TPS63051_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Input Voltage (V)
IOUT = 10mA
IOUT = 500mA
IOUT = 620mA
TPS63051, V
= 3.3V, Power Save Enabled
OUT
Input Voltage (V)
TPS63051, VOUT = 3.3V, Power Save Disabled
IOUT = 10mA
IOUT = 500mA
IOUT = 620mA
Output Current (A)
TPS63051, Power Save Disabled
VIN = 2.8V, VOUT = 3.3V
VIN = 3.6V, VOUT = 3.3V
Output Current (A)
TPS63051, Power Save Enabled
VIN = 2.8V, VOUT = 3.3V
VIN = 3.6V, VOUT = 3.3V
TPS63051
www.ti.com
SLVSAM8 – JULY 2013
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 11.
Figure 12.
EFFICIENCY
EFFICIENCY
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 13.
Figure 14.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS63051


Similar Part No. - TPS63051_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63051RMWR TI1-TPS63051RMWR Datasheet
3Mb / 20P
[Old version datasheet]   Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
TPS63051RMWT TI1-TPS63051RMWT Datasheet
3Mb / 20P
[Old version datasheet]   Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
TPS63051YFF TI1-TPS63051YFF Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63051YFFR TI1-TPS63051YFFR Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63051YFFR TI1-TPS63051YFFR Datasheet
3Mb / 20P
[Old version datasheet]   Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
More results

Similar Description - TPS63051_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63050 TI1-TPS63050_14 Datasheet
3Mb / 35P
[Old version datasheet]   Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
TPS63051 TI1-TPS63051 Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050 TI1-TPS63050_16 Datasheet
3Mb / 20P
[Old version datasheet]   Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
logo
Mitsumi Electronics, Co...
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3529 MITSUMI-MM3529 Datasheet
188Kb / 21P
   1A LDO with soft-start
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
   High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
logo
Texas Instruments
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com