Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC848XR1I000P2 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # SRC848XR1I000P2
Description  Receiver with Clock Recovery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SRC848XR1I000P2 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  SRC848XR1I000P2 Datasheet HTML 1Page - OPLINK Communications Inc. SRC848XR1I000P2 Datasheet HTML 2Page - OPLINK Communications Inc. SRC848XR1I000P2 Datasheet HTML 3Page - OPLINK Communications Inc. SRC848XR1I000P2 Datasheet HTML 4Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
An Oplink Company
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Case Temperature
“I” option (“SR” & “IR” only)
T
OP
- 40
+ 85
°C
“H” option
0
+ 70
Maximum Optical Input Power (“LR” only)
P
in, max
-
- 5.0
dBm
Supply Voltage
V
CC
0
+ 6.0
V
Input Voltage
V
IN
0
V
CC
V
Lead Soldering Temperature & Time
-
-
260°C, 10 sec
Absolute Maximum Ratings
OC-48/STM-16 Receiver with Clock
Recovery
SRC48
The SRC48 modules are receivers with internal clock recovery designed
to meet or exceed the SONET/SDH optical interface requirements at OC-
48/STM-16 (2.488 Gb/s) data rate. Three performance versions are avail-
able which are fully compliant with Short Reach, Intermediate Reach
and Long Reach specifications at 1300 nm and 1550 nm wavelength.
The receiver for the Short Reach and Intermediate Reach version uses
PIN photodiodes. For the Long Reach version, InGaAs avalanche photo-
diodes (APDs) are used to achieve high sensitivity. The Long Reach re-
ceiver features a low noise GaAs transimpedance IC with AGC capability
to provide an extremely wide dynamic range. A Phase Lock Loop (PLL)
circuit is included to perform the clock recovery function and resam-
pling of the data. Both DATA and CLOCK outputs are differential signals
designed to be AC-coupled into 50 ohm load. A TTL Signal Detect func-
tion which indicates loss of optical input and an analog Received Opti-
cal Power Monitor output ares also provided.
All receiver modules can be operated with a single +5V supply. The op-
erating temperature range is -40°C to +85°C for the Short Reach and
Intermediate Reach version and 0°C to +70°C for the Long Reach ver-
sion. All receivers are housed in a 24-pin dual-in-line metal package
with fiber pigtail (single mode fiber for Long Reach version and 50/125
μm multimode fiber for Short Reach and Intermediate Reach versions).
The fiber pigtail is terminated with ST, FC or SC connector.
Product Description
Fully compliant with SONET/SDH OC-48/STM-16
(2.5 Gb/s) specifications
Long Reach 1310 nm & 1550 nm as well as
Intermediate Reach and Short Reach
Internal temperature-compensated High
Voltage APD Supply (Long Reach version)
-40°C to +85°C Operating Temperature
(Intermediate Reach and Short Reach)
24-pin DIP metal package
FC, ST, SC-connectorized fiber pigtails
Differential DATA & CLOCK interface
TTL SIGNAL DETECT output
Received Optical Power Monitor function
Single +5 V supply
Features
R3.2009.04.30


Similar Part No. - SRC848XR1I000P2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC803XR1H000P4 OPLINK-SRC803XR1H000P4 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000P5 OPLINK-SRC803XR1H000P5 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000PA OPLINK-SRC803XR1H000PA Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000PB OPLINK-SRC803XR1H000PB Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000PC OPLINK-SRC803XR1H000PC Datasheet
660Kb / 4P
   Receiver with Clock Recovery
More results

Similar Description - SRC848XR1I000P2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC12 OPLINK-SRC12 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC03 OPLINK-SRC03 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRX48 OPLINK-SRX48 Datasheet
665Kb / 4P
   Receiver without Clock Recovery
SRC03-0401 OPLINK-SRC03-0401 Datasheet
660Kb / 4P
   OC-3/STM-1 Receiver with Clock Recovery
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
logo
Agilent(Hewlett-Packard...
RGR1551 HP-RGR1551 Datasheet
101Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
logo
Agilent(Hewlett-Packard...
RGR2622 HP-RGR2622 Datasheet
102Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com