Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51315 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51315
Description  10-A STEP-DOWN SYNCHRONOUS SWITCHER WITH INTEGRATED MOSFETs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51315 Datasheet(HTML) 5 Page - Texas Instruments

  TPS51315 Datasheet HTML 1Page - Texas Instruments TPS51315 Datasheet HTML 2Page - Texas Instruments TPS51315 Datasheet HTML 3Page - Texas Instruments TPS51315 Datasheet HTML 4Page - Texas Instruments TPS51315 Datasheet HTML 5Page - Texas Instruments TPS51315 Datasheet HTML 6Page - Texas Instruments TPS51315 Datasheet HTML 7Page - Texas Instruments TPS51315 Datasheet HTML 8Page - Texas Instruments TPS51315 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Not Recommended for New Designs
TPS51315
www.ti.com
SLUS881B – MAY 2009 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWERGOOD COMPARATOR
PG in from lower (PGOOD goes high),
92.5%
95%
97.5%
TA = 25°C
PG Low hysteresis (PGOOD goes low)
–4.5%
–5.5%
–6.5%
VTH(PG)
Powergood threshold
PG in from higher (PGOOD goes high),
102.5%
105%
107.5%
TA = 25°C
PG High hysteresis (PGOOD goes low)
4.5%
5.5%
6.5%
IPG(max)
Powergood sink current
VPGOOD = 0.5 V
2.5
7.5
mA
TPGDEL
PGOOD delay
Delay for PGOOD in
64
μs
UVLO / LOGIC THRESHOLD
Wake up (UVLO out)
3.4
3.7
3.9
V
VUVLO
V5FILT UVLO threshold
Hysteresis
200
300
400
mV
SKIP mode enabled
3.3V
VEN_PSV
EN_PSV connection
PWM-Only mode enabled
FLOAT
EN_PSV low
0.7
1
1.3
V
Hysteresis
130
160
220
mV
VEN_PSV
EN_PSV logic input voltage
EN_PSV float
1.70
1.95
2.25
V
EN_PSV high
2.2
2.5
2.9
V
Hysteresis
100
170
250
mV
PROTECTION: OVERVOLTAGE (OVP) AND UNDERVOLTAGE (UVP)
OVP detect
110%
115%
120%
VOVP
VFB OVP trip threshold
Hysteresis
5%
UVP detect
65%
70%
75%
VUVP
VFB UVP trip threshold
Hysteresis
10%
TUVPDEL
VFB UVP delay
32
μs
TUVPEN
Output UVP enable delay
2
ms
THERMAL SHUTDOWN
Shutdown temperature(3)
145
160
175
°C
TSDN
Thermal SDN threshold
Hysteresis(3)
10
12
14
°C
INTEGRATED MOSFET
RDS(on)upper
Upper MOSFET RDS(on)
See (3)
19
m
RDS(on)lower
Lower MOSFET RDS(on)
See (3)
7
m
(3)
Ensured by design. Not production tested.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS51315


Similar Part No. - TPS51315

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51315 TI-TPS51315 Datasheet
791Kb / 28P
[Old version datasheet]   10-A STEP-DOWN SYNCHRONOUS SWITCHER WITH INTEGRATED MOSFETs
TPS51315RGFR TI-TPS51315RGFR Datasheet
791Kb / 28P
[Old version datasheet]   10-A STEP-DOWN SYNCHRONOUS SWITCHER WITH INTEGRATED MOSFETs
TPS51315RGFT TI-TPS51315RGFT Datasheet
791Kb / 28P
[Old version datasheet]   10-A STEP-DOWN SYNCHRONOUS SWITCHER WITH INTEGRATED MOSFETs
More results

Similar Description - TPS51315

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51315 TI-TPS51315 Datasheet
791Kb / 28P
[Old version datasheet]   10-A STEP-DOWN SYNCHRONOUS SWITCHER WITH INTEGRATED MOSFETs
TPS54327 TI-TPS54327_15 Datasheet
1Mb / 27P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET
logo
Integrated Device Techn...
IDTP9122 IDT-IDTP9122 Datasheet
631Kb / 16P
   Dual Channel Synchronous Step- Down Switcher with Integrated FET
IDTP9120 IDT-IDTP9120 Datasheet
1Mb / 24P
   Triple Channel Synchronous Step- Down Switcher with Integrated FET
logo
Texas Instruments
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com