Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62150 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV62150
Description  4-17V 1A Step-Down Converter with DCS-Control
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62150 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV62150_14 Datasheet HTML 6Page - Texas Instruments TLV62150_14 Datasheet HTML 7Page - Texas Instruments TLV62150_14 Datasheet HTML 8Page - Texas Instruments TLV62150_14 Datasheet HTML 9Page - Texas Instruments TLV62150_14 Datasheet HTML 10Page - Texas Instruments TLV62150_14 Datasheet HTML 11Page - Texas Instruments TLV62150_14 Datasheet HTML 12Page - Texas Instruments TLV62150_14 Datasheet HTML 13Page - Texas Instruments TLV62150_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
VIN=5V
VIN=12V
VIN=17V
Frequency (Hz)
VOUT=3.3V, IOUT=1A
L=2.2uH (XFL4020)
Cin=10uF, Cout=22uF
G000
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
VIN=5V
VIN=12V
VIN=17V
Frequency (Hz)
VOUT=3.3V, IOUT=0.1A
L=2.2uH (XFL4020)
Cin=10uF, Cout=22uF
G000
0
0.01
0.02
0.03
0.04
0.05
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=3.3V,
L=2.2uH (XFL4020)
Cout=22uF
G000
0
0.5
1
1.5
2
2.5
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
−40°C
25°C
85°C
Input Voltage (V)
VOUT=3.3V
L=2.2uH (XFL4020)
Cout=22uF
G000
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
0.0
3.0
6.0
9.0
12.0
15.0
18.0 20.0
−40°C
−10°C
25°C
85°C
125°C
Input Voltage (V)
G001
0.0
20.0
40.0
60.0
80.0
100.0
0.0
3.0
6.0
9.0
12.0
15.0
18.0 20.0
−40°C
−10°C
25°C
85°C
125°C
Input Voltage (V)
G001
TLV62150, TLV62150A
SLVSB71B – FEBRUARY 2012 – REVISED JUNE 2013
www.ti.com
STATIC DRAIN-SOURCE-RESISTANCE (RDSon)
STATIC DRAIN-SOURCE-RESISTANCE (RDSon)
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 22. High-Side Switch Resistance
Figure 23. Low-Side Switch Resistance
OUTPUT VOLTAGE
OUTPUT CURRENT
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 24. Output Voltage Ripple
Figure 25. Maximum Output Current
POWER SUPPLY REJECTION RATIO
POWER SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 26. Power Supply Rejection Ratio, fSW=2.5MHz
Figure 27. Power Supply Rejection Ratio, fSW=2.5MHz
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TLV62150 TLV62150A


Similar Part No. - TLV62150_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
More results

Similar Description - TLV62150_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
logo
Taiwan Memory Technolog...
T8302 TMT-T8302 Datasheet
124Kb / 12P
   PWM Control 1A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com