Selected language     English  ▼


STX Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part No. STX
Description  SONET/SDH Transmitters & Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 3 page
background image
3
21737-0400, Rev. O
2-7-2002
Model
STX: Transmitter
SRX: Receiver
Transmitter Performance Characteristics (over Operating Case Temperature)
Receiver Performance Characteristics (over Operating Case Temperature)
Ordering Information
SXX - 03 - YYY -T- Ln - DR
Distance Option (TX only)
specifies the range for Center Wavelength &
Spectral Width to be compliant
with SONET/SDH standard
“Blank” : Intermediate Reach / S-1.1
LR1
: Long Reach 1310 nm / L-1.1
LR2
: Long Reach 1550 nm / L-1.2
Light Output (TX only)
HP:
0 dBm (typ.)
L0:
- 3 dBm (typ.)
L1:
- 5 dBm (typ.)
L2:
- 8 dBm (typ.)
L3: - 11 dBm (typ.)
OC-3/STM-1 Transmitter & Receiver: STX-03 & SRX-03
Temperature Range
A: - 40°C to +85°C
B:
0°C to +70°C
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
50
156
200
Mb/s
Receiver Sensitivity (10-10 BER) 1
Pmin
- 35.0
- 38.0
-
dBm
Maximum Input Optical Power
(10-10 BER) 1
Dual supply
Pmax
- 3.0
0
-
dBm
Single supply
- 6.0
0
-
Signal Detect
Thresholds
Increasing Light Input
Psd+
-
-
- 35.0
dBm
Decreasing Light Input
Psd-
- 45.0
-
-
Signal Detect Hysteresis
-
0.5
1.5
-
dB
Wavelength of Operation
λ
1100
-
1600
nm
1 Specified in Average Optical Input Power and measured at 156 Mb/s and 1300 nm wavelength with 223-1 PRBS.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
50
156
300
Mb/s
Average Optical
Output Power
(coupled into single
mode fiber),
50% duty cycle
HP
Po
- 3.0
0
+2.0
dBm
L0
- 5.0
- 3.0
0
L1
- 8.0
- 5.0
- 2.0
L2
- 12.0
- 8.0
- 5.0
L3
- 15.0
- 11.0
- 8.0
Extinction Ratio
Phi / Plo
10
-
-
dB
Center Wavelength
IR (Intermediate Reach)
λc
1261
1310
1360
nm
LR1 (Long Reach 1310 nm)
1280
1310
1335
LR2 (Long Reach 1550 nm)
1480
1550
1580
Spectral Width (RMS)
LR1 (0°C to 70°C) & IR
∆λRMS
--
4
nm
Spectral Width (-20 dB)
LR1 (-40°C to 85°C) & LR2
∆λ20
--
1
Side Mode Suppression Ratio
LR1 (-40°C to 85°C) & LR2
SMSR
30
-
-
dB
Optical Rise and Fall Time (10% to 90%)
tr, tf
-1
2
ns
Optical Output Eye
compliant with Bellcore TR-NWT-000253 and ITU-T Recommendation G.957
NOTES
1. For full compliance with OC-3/STM-1 Intermediate Reach/S-1.1 standard, the STX-03-YYY-T-L3 modules are recommended.
2. For full compliance with OC-3/STM-1 Long Reach 1310 nm/L-1.1 standard, the STX-03-YYY-A-L0-LR1 & STX-03-YYY-B-
L0-LR1 are recommended. The STX-01-YYY-A-L0-LR1 uses a DFB laser to satisfy the Center Wavelength requirement.
3. For full compliance with OC-3/STM-1 Long Reach 1550 nm/L-1.2 standard, the STX-03-YYY-A-L0-LR2 & STX-03-YYY-B-
L0-LR2 are recommended. Both modules use DFB lasers. However, the STX-03-YYY-A-L0-LR2 module is specified only over
- 25°C to +70°C temperature range. Please consult OCP Sales for the - 40°C to +70°C pigtailed option.
4. The LR1 (-40°C to +85°C) and LR2 options are only available with DFB lasers and L0 or HP optical power levels.
Package style
PFC: pigtailed with FC
PSC: pigtailed with SC
PST: pigtailed with ST
PLC: pigtailed with LC
PMU: pigtailed with MU
FC : FC Receptacle
ST : ST Receptacle
SC : SC Receptacle




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl