Selected language     English  ▼


STX448BS4I000P1 Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part No. STX448BS4I000P1
Description  Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 4 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2008, Oplink Communications, Inc.
Laser Safety: All transceivers are Class I Laser
products per FDA/CDRH and IEC-60825 stan-
dards. They must be operated under specified
operating conditions.
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
PIN
FUNCTION
PIN
FUNCTION
1
VCC
24
VCC
2
VCC
23
VCC
3
FM + (LD FACET MONITOR +)
22
BM+ (LD BIAS MONITOR +)
4
FM - (LD FACET MONITOR -)
21
BM- (LD BIAS MONITOR -)
5
DATA INPUT -
20
CLK - (INPUT CLOCK -)
6
VTD (TERMINATION FOR DATA)
19
VTC (TERMINATION FOR CLK)
7
DATA INPUT +
18
CLK+ (INPUT CLOCK +)
8
DO NOT CONNECT
(FOR INTERNAL USE ONLY)
17
MODE SELECTOR
(CLOCKED or NON-CLOCKED)
9
VCC
16
TX DISABLE INPUT
10 VCC
15
ALM (LD BIAS ALARM)
11
VEE
14
VEE
12 VEE
13
VEE
STX
Ordering Information
Package Outline
STX48 Series
R04. 2008.04.30
4
0
0
0
8
4
Type
2x5 +5V= 4
2x5 -5V= B
Temperature Range
Optical Output Power
Distance Option
-7dBm (Typ.)= B
-3dBm (Typ.)= D
0dBm (Typ.)= F
Short Reach (-7dBm only)= S0
Intermediate Reach (“-3dBm” only)=S3
Long Reach1310nm (“0dBm” only)= S4
Long Reach1550nm (“0dBm” only)= F2
Option
pigtail FC= P1
pigtail ST= P2
pigtail SC= P3
-40 ~85˚C (SR & IR only)= I
0~70˚C (LR only)= H
(Dimension in inches)
Pinout Assignments




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl