Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCIHG Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TCIHG
Description  Isolator Hybrid Combination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TCIHG Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TCIHG Datasheet HTML 1Page - OPLINK Communications Inc. TCIHG Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
TCIHG Series Specifications
Single Stage
Dual Stage
Unit
Operating Wavelength Range
C-band: 1528 ~ 1564
L-band: 1570 ~ 1605
nm
Insertion Loss [1]
Standard Port
< 0.8
< 1.0
dB
Tap Port
1% Tap Ratio: 19.2~21.0
2% Tap Ratio: 16.2~18.0
5% Tap Ratio: 12.2~14.0
10% Tap Ratio: 9.6~10.8
dB
Wavelength Dependent Loss
< 0.3
< 0.4
dB
Reverse Direction Isolation (over operating
wavelength range, 0~70°C, all SOP)
> 21
> 38
ps
Polarization Dependent Loss
< 0.1
dB
Polarization Mode Dispersion
< 0.25
< 0.05
dB
Directivity
> 55
dB
Return Loss
> 50
dB
Maximum Power Handling
< 500
mW
Fiber Type
Corning SMF-28
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Package Dimensions [3]
P1: (ø) 5.5 x (L) 34.0
P2: (ø) 5.5 x (L) 40.0
mm
Applications
Performance Specificationns
Note:
[1] The maximum IL is under all states of polarization and within the full operating temperature and
wavelength ranges specified.
Add 0.3dB on signal port IL for 10% tapping case.
[2] All the parameters are excluding connectors.
[3] The mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom speci-
fied.
S0072 - R02. 20100603
Green 1550(1585)nm Tap Coupler/
Isolator Hybrid Combination
TCIHG Series
Oplink’s Tap Coupler/Isolator Hybrid Combination (TCIH) is based on pat-
ented athermal platform for optical device.This product is a combination of a
partial reflection filter and a polarization insensitive optical isolator that fea-
tures ultra low insertion loss, super thermal stability, and unparallel reliability.
The technology is a lead-free packaging platform and no epoxy in the optical
path.
Wide Operating Wavelength Range
Compact Size
Low Insertion Loss
High Isolation
Ultra Low PDL & PMD
Highly Stable & Reliable
Epoxy-free Optical Path
Fiberoptic Amplifiers
CATV Fiberoptic Links
System Monitoring
Fiberoptic Instruments
Transmitters and Fiber Lasers
Laboratory R&D


Similar Part No. - TCIHG

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TCIHG-S0072 OPLINK-TCIHG-S0072 Datasheet
259Kb / 2P
   Green 1550(1585)nm Tap Coupler / Isolator Hybrid Combination
TCIHG1550D0 OPLINK-TCIHG1550D0 Datasheet
237Kb / 2P
   1550(1585)nm Tap Coupler/Isolator Hybrid Combination
TCIHG1550D1 OPLINK-TCIHG1550D1 Datasheet
237Kb / 2P
   1550(1585)nm Tap Coupler/Isolator Hybrid Combination
TCIHG1550D2 OPLINK-TCIHG1550D2 Datasheet
237Kb / 2P
   1550(1585)nm Tap Coupler/Isolator Hybrid Combination
TCIHG1550D5 OPLINK-TCIHG1550D5 Datasheet
237Kb / 2P
   1550(1585)nm Tap Coupler/Isolator Hybrid Combination
More results

Similar Description - TCIHG

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
BFIH-S0002 OPLINK-BFIH-S0002 Datasheet
259Kb / 2P
   Band Pass Filter/Isolator Hybrid Combination
BFIH OPLINK-BFIH Datasheet
259Kb / 2P
   Band Pass Filter/Isolator Hybrid Combination
WTIH1514 OPLINK-WTIH1514 Datasheet
344Kb / 2P
   WDM/ Tap Couper Isolator Hybrid Combination
WDIH1514 OPLINK-WDIH1514 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH1598-S0079 OPLINK-WDIH1598-S0079 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH15140SF1111 OPLINK-WDIH15140SF1111 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
BFIHAS00000111 OPLINK-BFIHAS00000111 Datasheet
195Kb / 2P
   Band Pass Filter / Isolator Hybrid Combination
WDIH1514-S0077 OPLINK-WDIH1514-S0077 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH15980SF1111 OPLINK-WDIH15980SF1111 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH1598 OPLINK-WDIH1598 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com