Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT2-458-5 Datasheet(PDF) 6 Page - Radiometrix Ltd

Part # HMT2-458-5
Description  NBFM Multi-channel 500mW UHF Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

HMT2-458-5 Datasheet(HTML) 6 Page - Radiometrix Ltd

  HMT2-458-5 Datasheet HTML 1Page - Radiometrix Ltd HMT2-458-5 Datasheet HTML 2Page - Radiometrix Ltd HMT2-458-5 Datasheet HTML 3Page - Radiometrix Ltd HMT2-458-5 Datasheet HTML 4Page - Radiometrix Ltd HMT2-458-5 Datasheet HTML 5Page - Radiometrix Ltd HMT2-458-5 Datasheet HTML 6Page - Radiometrix Ltd HMT2-458-5 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Radiometrix Ltd
HMT2 Data Sheet
page 6
Condensed specifications
Frequency
As supplied:
Version 1: 458.525 - 459.1MHz (25kHz steps)
Version 2: 458.8 - 459.3MHz (25KHz steps) and 461.3MHz
Frequency stability
+/- 1.5kHz
Channel spacing
25kHz
Number of channels
16 channels controlled by parallel port
32 channels controlled via RS232 interface
Transmit
Output power
+27dBm (500mW) ±1dB
TX on switching time
30 ms from TXE transition
Modulation type
FSK (F3D)
TX modulation bandwidth
DC – 3kHz (3v CMOS compatible DATA input)
Adjacent channel TX power
<-37dBm
TX spuri
<-36dBm (no output in standby)
Spurious radiations
Compliant with ETSI EN 300 220-3 and EN 301 489-3
Inputs
data (CMOS/TTL compatible)
Supply
Voltage
+5V regulated (or 6-9V in –R version)
Current
350mA nominal transmit
<5µA standby (TXE high or floating)
Interface
User
8 pin 0.1" pitch single row header
RF
6 pin 0.1" pitch
Recommended PCB hole size
1.2mm (min.)
Size
66 x 23 x 9mm
Operating temperature
-20 to +55
οC (Storage -30 to +70 οC)
Intended approval
ETSI Radio standard EN 300 220-3 and EMC standard EN 301 489-3
Ordering Information:
Part No.
Notes
Frequency band
HMT2-458-5
version 1
458.525 - 459.1MHz
HMT2-460-5
version 2
458.8 - 459.3MHz and 461.3MHz
HMT2-458-5-R
version 1; regulator version
458.525 - 459.1MHz
HMT2-460-5-R
version 2; regulator version
458.8 - 459.3MHz and 461.3MHz
Matching Receiver
LMR2-458-5 (version 1)
458.525 - 459.1MHz
LMR2-460-5 (version 2)
458.8 - 459.3MHz and 461.3MHz


Similar Part No. - HMT2-458-5

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
HMT25 SENSATA-HMT25 Datasheet
199Kb / 6P
   ABSOLUTE MULTI-TURN ENCODER | HMT25
More results

Similar Description - HMT2-458-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TLM2-458-5 RADIOMETRIX-TLM2-458-5 Datasheet
139Kb / 7P
   NBFM Multi-channel 500mW UHF Transmitter
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-458-BHX2 RADIOMETRIX-M48-458-BHX2 Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
   500mW UHF NBFM multi channel RS232 Radio Modem
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
   UHF NBFM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com