Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3519 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3519
Description  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3519 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3519 Datasheet HTML 4Page - Texas Instruments LM3519 Datasheet HTML 5Page - Texas Instruments LM3519 Datasheet HTML 6Page - Texas Instruments LM3519 Datasheet HTML 7Page - Texas Instruments LM3519 Datasheet HTML 8Page - Texas Instruments LM3519 Datasheet HTML 9Page - Texas Instruments LM3519 Datasheet HTML 10Page - Texas Instruments LM3519 Datasheet HTML 11Page - Texas Instruments LM3519 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
320
360
370
380
390
400
350
340
330
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
500
520
540
560
580
600
510
530
550
570
590
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
25°C and -40°C
85°C
700
800
900
1000
1100
1200
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
3.3 PH
2.2 PH
1 PH
600
800
900
1000
1100
1200
700
2.7
3.0
3.3
3.6
3.9
4.2
4.5
VIN (V)
1 PH
3.3 PH
2.2 PH
3 LEDS
100
150
200
250
300
350
400
2.7
3.0
3.3
3.6
3.9
4.2
4.5
VIN (V)
1 PH
3.3 PH
2.2 PH
2 LEDS
100
150
200
250
300
350
400
LM3519
SNVS394A – AUGUST 2005 – REVISED SEPTEMBER 2005
www.ti.com
Typical Performance Characteristics (continued)
(See Figure 1: VIN = 3.6V, CIN = 4.7µF and COUT = 1µF, L = 2.2µH and 4 LEDs. TA = +25°C, unless otherwise stated.)
Peak Inductor Current
Peak Inductor Current
vs
vs
VIN
VIN
Current Limit
Current Limit
vs
vs
VIN (4LEDs, 1µH)
VIN
Iq (non switching)
Iq (switching)
vs
vs
Temperature
Temperature
8
Submit Documentation Feedback
Copyright © 2005, Texas Instruments Incorporated
Product Folder Links: LM3519


Similar Part No. - LM3519

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3519 NSC-LM3519 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
LM3519MK-20 NSC-LM3519MK-20 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
LM3519MKX-20 NSC-LM3519MKX-20 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
More results

Similar Description - LM3519

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3519 NSC-LM3519 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Micrel Semiconductor
MIC2298 MICREL-MIC2298_11 Datasheet
428Kb / 13P
   3.5A Minimum, 1MHz Boost High Brightness White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com