Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3503ITL-35NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3503ITL-35NOPB
Description  Dual-Display Constant Current LED Driver with Analog Brightness Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3503ITL-35NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3503ITL-35NOPB Datasheet HTML 1Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 2Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 3Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 4Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 5Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 6Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 7Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 8Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM3503
www.ti.com
SNVS329D – JULY 2005 – REVISED AUGUST 2006
VIN (Bump B3): Input voltage connection pin. The CIN capacitor should be as close to the device as possible,
between the VIN pin and ground plane.
En2 (Bump A3): Enable pin for the internal NMOS FET switch (Figure 3: N2) during device operation. When
VEn2 is ≥ 1.4V, the internal NMOS FET switch turns off and the SUB display is turned on. The En2 pin has an
internal pull down circuit, thus the internal NMOS FET switch is normally in the on state of operation with the
SUB display turned off. When VEn2 is ≤ 0.3V, the internal NMOS FET switch turns on and the SUB display is
turned off. If both VEn1 and VEn2 are ≤ 0.3V the LM3503 will shutdown. If VOUT2 is not used, En2 must be floating
or grounded and En1 used to enable the device.
En1 (Bump A2): Enable pin for the internal PMOS FET switch (Figure 3: P1) during device operation. When
VEn1 is ≤ 0.3V, the internal PMOS FET switch turns on and the MAIN display is turned off. When VEn1 is ≥ 1.4V,
the internal PMOS FET switch turns off and the MAIN display is turned on. If both VEn1 and VEn2 are ≤ 0.3V the
LM3503 will shutdown. The En1 pin has an internal pull down circuit, thus the internal PMOS FET switch is
normally in the on state of operation with the MAIN display turned off. If VOUT2 is not used, En2 must be grounded
and En1 use to enable the device.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN Pin
−0.3V to +5.5V
Sw Pin
−0.3V to +48V
Fb Pin
−0.3V to +5.5V
Cntrl Pin
−0.3V to +5.5V
VOUT1Pin
−0.3V to +48V
VOUT2 Pin
−0.3V to VOUT1
En1
−0.3V to +5.5V
En2
−0.3V to +5.5V
Continuous Power Dissipation
Internally Limited
Maximum Junction Temperature (TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
ESD Rating(3)
Human Body Model
2 kV
Machine Model
200V
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical characteristic specifications do not
apply when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
Operating Conditions
(1) (2)
Junction Temperature (TJ) Range
−40°C to +125°C
Ambient Temperature (TA) Range
−40°C to +85°C
Supply Voltage, VIN Pin
2.5V to 5.5V
En1 and En2 Pins
0V to 5.5V
Cntrl Pin
0V to 3.5V
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical characteristic specifications do not
apply when operating the device outside of its rated operating conditions.
(2)
All voltages are with respect to the potential at the GND pin.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3503


Similar Part No. - LM3503ITL-35NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3503ITL-35 NSC-LM3503ITL-35 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503ITL-35 NSC-LM3503ITL-35 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503ITL-35/NOPB TI1-LM3503ITL-35/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

Similar Description - LM3503ITL-35NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com