Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3448 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3448
Description  Phase Dimmable Offline LED Driver with Integrated FET
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3448 Datasheet(HTML) 5 Page - Texas Instruments

  LM3448 Datasheet HTML 1Page - Texas Instruments LM3448 Datasheet HTML 2Page - Texas Instruments LM3448 Datasheet HTML 3Page - Texas Instruments LM3448 Datasheet HTML 4Page - Texas Instruments LM3448 Datasheet HTML 5Page - Texas Instruments LM3448 Datasheet HTML 6Page - Texas Instruments LM3448 Datasheet HTML 7Page - Texas Instruments LM3448 Datasheet HTML 8Page - Texas Instruments LM3448 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
LM3448
www.ti.com
SNOSB51B – SEPTEMBER 2011 – REVISED NOVEMBER 2011
ELECTRICAL CHARACTERISTICS
(1) (continued)
VCC = 12V unless otherwise noted. Limits in standard type face are for TJ = 25°C and those with boldface type apply over
the full Operating Temperature Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = +25ºC and are provided for
reference purposes only.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
IDS
SW to ISNS leakage current (4)
SW - ISNS = 600V
1
µA
RON
SW to ISNS switch on resistance
3.6
THERMAL SHUTDOWN
TSD
Thermal shutdown temperature
See (5)
165
°C
Thermal shutdown hysteresis
20
THERMAL RESISTANCE
R
θJA
Junction to Ambient
See (5) (6)
95
°C/W
(4)
High voltage devices such as the LM3448 are susceptible to increased leakage currents when exposed to high humidity and high
pressure operating environments. Users of this device are cautioned to satisfy themselves as to the suitability of this product in the
intended end application and take any necessary precautions (e.g. system level HAST/HALT testing, conformal coating, potting, etc.) to
ensure proper device operation.
(5)
These electrical parameters are guaranteed by design and are not verified by test.
(6)
This R
θJA typical value determined using JEDEC specifications JESD51-1 to JESD51-11. However junction-to-ambient thermal
resistance is highly board-layout dependent. In applications where high maximum power dissipation exists, special care must be paid to
thermal dissipation issues during board design. In high-power dissipation applications, the maximum ambient temperature may have to
be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C),
the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3448


Similar Part No. - LM3448

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
   120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
Texas Instruments
LM3444 TI-LM3444 Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
logo
National Semiconductor ...
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
   8W Isolated Flyback LED Driver Industrial and Commercial Lighting
More results

Similar Description - LM3448

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
   HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
   High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com