Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3503SQ-25NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3503SQ-25NOPB
Description  Dual-Display Constant Current LED Driver with Analog Brightness Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3503SQ-25NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3503SQ-25NOPB Datasheet HTML 4Page - Texas Instruments LM3503SQ-25NOPB Datasheet HTML 5Page - Texas Instruments LM3503SQ-25NOPB Datasheet HTML 6Page - Texas Instruments LM3503SQ-25NOPB Datasheet HTML 7Page - Texas Instruments LM3503SQ-25NOPB Datasheet HTML 8Page - Texas Instruments LM3503SQ-25NOPB Datasheet HTML 9Page - Texas Instruments LM3503SQ-25NOPB Datasheet HTML 10Page - Texas Instruments LM3503SQ-25NOPB Datasheet HTML 11Page - Texas Instruments LM3503SQ-25NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
0
4
8
12
16
20
20
30
40
50
60
70
80
90
LED CURRENT (mA)
VIN = 2.7V
2
6
10
14
18
VIN = 5.5V
VIN = 3.3V
VIN = 4.2V
VIN = 3V
4
8
12
16
20
LED CURRENT (mA)
10
20
30
40
50
60
70
80
90
100
0
VIN = 4.2V
6
10
14
18
2
VIN = 5.5V
VIN = 3.3V
VIN = 3V
VIN = 2.7V
0
4
8
12
16
20
20
30
40
50
60
70
80
90
LED CURRENT (mA)
VIN = 2.7V
2
6
10
14
18
VIN = 5.5V
VIN = 3.3V
VIN = 4.2V
VIN = 3V
2
4
6
8
10 12 14 16 18 20
LED CURRENT (mA)
10
20
30
40
50
60
70
80
90
0
VIN = 3V
VIN = 5.5V
VIN = 2.7V
VIN = 4.2V
VIN = 3.3V
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
TEMPERATURE (
oC)
1.75
1.95
-40
1.80
1.85
1.90
VIN = 2.5V
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
1.50
2.00
2.50
3.00
3.50
4.00
2.5
25
oC
125
oC
-40
oC
LM3503
SNVS329D – JULY 2005 – REVISED AUGUST 2006
www.ti.com
Typical Performance Characteristics (continued)
(See Typical Application Circuit :e L=DO1608C-223 and D=B150-13. Efficiency:
η = POUT/ PIN = [(VOUT – VFb ) * IOUT] / [VIN *
IIN]. TA = +25°C, unless otherwise stated.)
IQ (Switching)
IQ (Switching)
vs
vs
VIN
Temperature
Figure 7.
Figure 8.
10 LED Efficiency
8 LED Efficiency
vs
vs
LED Current
LED Current
Figure 9.
Figure 10.
6 LED Efficiency
4 LED Efficiency
vs
vs
LED Current
LED Current
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: LM3503


Similar Part No. - LM3503SQ-25NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3503SQ-25 NSC-LM3503SQ-25 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503SQ-25 NSC-LM3503SQ-25 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503SQ-25/NOPB TI1-LM3503SQ-25/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

Similar Description - LM3503SQ-25NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com