Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3502SQ-16 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3502SQ-16
Description  Step-Up Converter for White LED Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3502SQ-16 Datasheet(HTML) 3 Page - Texas Instruments

  LM3502SQ-16 Datasheet HTML 1Page - Texas Instruments LM3502SQ-16 Datasheet HTML 2Page - Texas Instruments LM3502SQ-16 Datasheet HTML 3Page - Texas Instruments LM3502SQ-16 Datasheet HTML 4Page - Texas Instruments LM3502SQ-16 Datasheet HTML 5Page - Texas Instruments LM3502SQ-16 Datasheet HTML 6Page - Texas Instruments LM3502SQ-16 Datasheet HTML 7Page - Texas Instruments LM3502SQ-16 Datasheet HTML 8Page - Texas Instruments LM3502SQ-16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM3502
www.ti.com
SNVS339A – SEPTEMBER 2005 – REVISED AUGUST 2006
VOUT1 pin to minimize trace resistance and EMI radiation.
Sw (Bump D2): Drain connection of the internal power NMOS FET switch (Figure 4: N1)
Minimize the metal trace length and maximize the metal trace width connected to this pin to
reduce EMI radiation and trace resistance.
PGND (Bump D3): Power ground pin
Connect directly to the ground plane.
AGND (Bump C3): Analog ground pin
Connect the analog ground pin directly to the PGND pin.
VIN (Bump B3): Supply or input voltage connection pin
The CIN capacitor should be as close to the device as possible, between the VIN pin and
ground plane.
En2 (Bump A3): Enable pin for the internal NMOS FET switch (Figure 4: N2) during device operation
When VEn2 is ≤ 0.3V, the internal NMOS FET switch turns on and the SUB display turns off.
When VEn2 is ≥ 1.4V, the internal NMOS FET switch turns off and the SUB display turns on.
The En2 pin has an internal pull down resistor, thus the internal NMOS FET switch is
normally in the on state of operation with the SUB display turned off.
If VEn1 and VEn2 are ≤ 0.3V and VCntrl is ≥ 1.4V, the LM3502 will enter a low IQ shutdown
mode of operation where all the internal FET switches are off. If VOUT2 is not used, En2 must
be grounded or floating and use En1 along with Cntrl, to enable the device.
En1 (Bump A2): Enable pin for the internal PMOS FET switch (Figure 4: P1) during device operation
When VEn1 is ≤ 0.3V, the internal PMOS FET switch turns on and the MAIN display is turned
off. When VEn1 is ≥ 1.4V, the internal PMOS FET switch turns off and the MAIN display is
turned on. The En1 pin has an internal pull down resistor, thus the internal PMOS FET
switch is normally in the on state of operation with the MAIN display turned off. If VEn1 and
VEn2 are ≤ 0.3V and VCntrl is ≥ 1.4V, the LM3502 will enter a low IQ shutdown mode of
operation where all the internal FET switches are off. If VOUT2 is not used, En2 must be
grounded and use En1 a long with Cntrl, to enable the device.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3502


Similar Part No. - LM3502SQ-16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3502SQ-16 NSC-LM3502SQ-16 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3502SQ-16 NSC-LM3502SQ-16 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502SQ-16/NOPB TI1-LM3502SQ-16/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
More results

Similar Description - LM3502SQ-16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com