Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3502SQ-35 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3502SQ-35
Description  Step-Up Converter for White LED Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3502SQ-35 Datasheet(HTML) 5 Page - Texas Instruments

  LM3502SQ-35 Datasheet HTML 1Page - Texas Instruments LM3502SQ-35 Datasheet HTML 2Page - Texas Instruments LM3502SQ-35 Datasheet HTML 3Page - Texas Instruments LM3502SQ-35 Datasheet HTML 4Page - Texas Instruments LM3502SQ-35 Datasheet HTML 5Page - Texas Instruments LM3502SQ-35 Datasheet HTML 6Page - Texas Instruments LM3502SQ-35 Datasheet HTML 7Page - Texas Instruments LM3502SQ-35 Datasheet HTML 8Page - Texas Instruments LM3502SQ-35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM3502
www.ti.com
SNVS339A – SEPTEMBER 2005 – REVISED AUGUST 2006
Preliminary Electrical Characteristics
(1) (2) (continued)
Limits in standard typeface are for TJ = 25°C. Limits in bold typeface apply over the full operating junction temperature range
(
−40°C ≤ TJ ≤ +125°C). Unless otherwise specified, VIN = 2.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICL
NMOS Power Switch
−16, Fb = 0V
250
400
650
Current Limit
−25, Fb = 0V
400
600
800
mA
−35, Fb = 0V
450
750
1050
−44, Fb = 0V
450
750
1050
IFb
Feedback Pin Bias
Fb = 0.25V
64
500
nA
Current (3)
FS
Switching Frequency
0.8
1
1.2
MHz
RDS(ON)
NMOS Power Switch ON ISw = 500 mA
Resistance
0.55
1.1
(Figure 4: N1)
RPDS(ON)
PMOS ON Resistance of IPMOS = 20 mA, En1 = 0V, En2 = 1.5V
VOUT1/VOUT2 Switch
5
10
(Figure 4: N1)
RNDS(ON)
NMOS ON Resistance of INMOS = 20 mA, En1 = 1.5V, En2 = 0V
VOUT2/Fb Switch
2.5
5
(Figure 4: N2)
DMAX
Maximum Duty Cycle
Fb = 0V
90
95
%
ICntrl
Cntrl Pin Input Bias
Cntrl = 2.5V
7
14
µA
Current (4)
Cntrl = 0V
0.1
ISw
Sw Pin Leakage Current
Sw = 42V, Cntrl = 0V
0.01
5
µA
(5)
IVOUT1(OFF)
VOUT1 Pin Leakage
VOUT1 = 14V, Cntrl = 0V (16)
0.1
3
Current (5)
VOUT1 = 23V, Cntrl = 0V (25)
0.1
3
µA
VOUT1 = 32V, Cntrl = 0V (35)
0.1
3
VOUT1 = 42V, Cntrl = 0V (44)
0.1
3
IVOUT1(ON)
VOUT1 Pin Bias Current
VOUT1 = 14V, Cntrl = 1.5V (16)
40
80
(5)
VOUT1 = 23V, Cntrl = 1.5V (25)
50
100
µA
VOUT1 = 32V, Cntrl = 1.5V (35)
50
100
VOUT1 = 42V, Cntrl = 1.5V (44)
85
140
IVOUT2
VOUT2 Pin Leakage
Fb = 0V, Cntrl = 0V, VOUT2 = 42V
0.1
3
µA
Current (5)
UVP
Under-Voltage
On Threshold
2.4
2.5
V
Protection
Off Threshold
2.2
2.3
OVP
Over-Voltage Protection
On Threshold (16)
14.5
15.5
16.5
(6)
Off Threshold (16)
14.0
15
16.0
On Threshold (25)
22.5
24
25.5
Off Threshold (25)
21.5
23
24.5
V
On Threshold (35)
32.0
34
35.0
Off Threshold (35)
31.0
33
34.0
On Threshold (44)
40.5
42
43.5
Off Threshold (44)
39.0
41
42.0
VEn1
PMOS FET Switch
Off Threshold (Display Lighting)
0.8
0.3
Enabling Threshold
On Threshold (Display Lighting)
1.4
0.8
V
(Figure 4: P1)
VEn2
NMOS FET Switch
Off Threshold (Display Lighting)
0.8
0.3
Enabling Threshold
On Threshold (Display Lighting)
1.4
0.8
V
(Figure 4: N2)
VCntrl
Device Enabling
Off Threshold
0.8
0.3
V
Threshold
OnThreshold
1.4
0.8
TSHDW
Shutdown Delay Time
8
12
16
ms
IEn1
En1 Pin Input Bias
En1 = 2.5V
7
14
µA
Current
En1 = 0V
0.1
(3)
Current flows out of the pin.
(4)
Current flows into the pin.
(5)
Current flows into the pin.
(6)
The on threshold indicates that the LM3502 is no longer switching or regulating LED current, while the off threshold indicates normal
operation.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3502


Similar Part No. - LM3502SQ-35

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3502SQ-35 NSC-LM3502SQ-35 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3502SQ-35 NSC-LM3502SQ-35 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502SQ-35/NOPB TI1-LM3502SQ-35/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
More results

Similar Description - LM3502SQ-35

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com