Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3402HV Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402HV
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402HV Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3402HV Datasheet HTML 7Page - Texas Instruments LM3402HV Datasheet HTML 8Page - Texas Instruments LM3402HV Datasheet HTML 9Page - Texas Instruments LM3402HV Datasheet HTML 10Page - Texas Instruments LM3402HV Datasheet HTML 11Page - Texas Instruments LM3402HV Datasheet HTML 12Page - Texas Instruments LM3402HV Datasheet HTML 13Page - Texas Instruments LM3402HV Datasheet HTML 14Page - Texas Instruments LM3402HV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TSW
300 ns
VO(MIN) = VIN x
TSW
TSW - 300 ns
VO(MAX) = VIN x
TSW = 1/fSW
nMAX =
VF(MAX)
VO(max) - 200 mV
DMAX =
tON
tON + tOFF-MIN
VO(max) = DMAX x VIN
IL-MIN =
0.2
RSNS
L
-
VO x tSNS
LM3402, LM3402HV
www.ti.com
SNVS450D – SEPTEMBER 2006 – REVISED FEBRUARY 2010
AVERAGE LED CURRENT ACCURACY
The COT architecture regulates the valley of
ΔVSNS, the AC portion of VSNS. To determine the average LED
current (which is also the average inductor current) the valley inductor current is calculated using the following
expression:
(4)
In this equation tSNS represents the propagation delay of the CS comparator, and is approximately 220 ns. The
average inductor/LED current is equal to IL-MIN plus one-half of the inductor current ripple, ΔiL:
IF = IL = IL-MIN + ΔiL / 2
(5)
Detailed information for the calculation of
ΔiL is given in the Design Considerations section.
MAXIMUM OUTPUT VOLTAGE
The 300 ns minimum off-time limits on the maximum duty cycle of the converter, DMAX, and in turn ,the maximum
output voltage VO(MAX) is determined by the following equations:
(6)
The maximum number of LEDs, nMAX, that can be placed in a single series string is governed by VO(MAX) and the
maximum forward voltage of the LEDs used, VF(MAX), using the expression:
(7)
At low switching frequency the maximum duty cycle and output voltage are higher, allowing the LM3402/02HV to
regulate output voltages that are nearly equal to input voltage. The following equation relates switching frequency
to maximum output voltage.
(8)
MINIMUM OUTPUT VOLTAGE
The minimum recommended on-time for the LM3402/02HV is 300 ns. This lower limit for tON determines the
minimum duty cycle and output voltage that can be regulated based on input voltage and switching frequency.
The relationship is determined by the following equation:
(9)
HIGH VOLTAGE BIAS REGULATOR
The LM3402/02HV contains an internal linear regulator with a 7V output, connected between the VIN and the
VCC pins. The VCC pin should be bypassed to the GND pin with a 0.1 µF ceramic capacitor connected as close
as possible to the pins of the IC. VCC tracks VIN until VIN reaches 8.8V (typical) and then regulates at 7V as
VIN increases. Operation begins when VCC crosses 5.25V.
INTERNAL MOSFET AND DRIVER
The LM3402/02HV features an internal power MOSFET as well as a floating driver connected from the SW pin to
the BOOT pin. Both rise time and fall time are 20 ns each (typical) and the approximate gate charge is 3 nC. The
high-side rail for the driver circuitry uses a bootstrap circuit consisting of an internal high-voltage diode and an
external 10 nF capacitor, CB. VCC charges CB through the internal diode while the power MOSFET is off. When
the MOSFET turns on, the internal diode reverse biases. This creates a floating supply equal to the VCC voltage
minus the diode drop to drive the MOSFET when its source voltage is equal to VIN.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3402 LM3402HV


Similar Part No. - LM3402HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402HV NSC-LM3402HV Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402HV NSC-LM3402HV Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HV TI1-LM3402HV Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402HV TI-LM3402HV Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402HV TI1-LM3402HV Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
More results

Similar Description - LM3402HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com