Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM312CV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM312CV
Description  MINI-BEAM dc-Voltage Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM312CV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM312CV Datasheet HTML 1Page - List of Unclassifed Manufacturers SM312CV Datasheet HTML 2Page - List of Unclassifed Manufacturers SM312CV Datasheet HTML 3Page - List of Unclassifed Manufacturers SM312CV Datasheet HTML 4Page - List of Unclassifed Manufacturers SM312CV Datasheet HTML 5Page - List of Unclassifed Manufacturers SM312CV Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Self-contained photoelectric sensors
Models
Sensing Mode
Range
LED
Model
OPPOSED
Opposed Emitter
3 m (10 ft)
Infrared 880 nm
SM31E
Opposed Receiver
SM31R
Opposed Emitter - Long Range
30 m (100 ft)
SM31EL
Opposed Receiver - Long Range
SM31RL
OPPOSED
Opposed Emitter - Clear Plastic Detection 0 to 300 mm (0 to 12 in) Actual range varies,
depending on the light transmission proper-
ties of the plastic material being sensed.
Visible Red 650 nm
SM31EPD
Opposed Receiver - Clear Plastic Detec-
tion
SM31RPD
RETRO
Non-Polarized Retroreflective
5 m (15 ft)
SM312LV
P
POLAR RETRO
Polarized Retroreflective
55 mm to 2 m (2 in to 7 ft)
SM312LVAG
Extended-Range Polarized Retroreflec-
tive
10 mm to 3 m (0.4 in to 10 ft)
SM312LP
DIFFUSE
Diffuse
380 mm (15 in)
Infrared 880 nm
SM312D
300 mm (12 in)
SM312DBZ
Divergent Diffuse
130 mm (5 in)
SM312W
CONVERGENT
Convergent
16 mm (0.65 in) Focus
SM312C
43 mm (1.7 in) Focus
SM312C2
CONVERGENT
16 mm (0.65 in) Focus
Visible Red 650 nm
SM312CV
43 mm (1.7 in) Focus
SM312CV2
CONVERGENT
16 mm (0.65 in) Focus
Visible Blue 475 nm
SM312CVB
49 mm (1.9 in) Focus
SM312CV2B
CONVERGENT
16 mm (0.65 in) Focus
Visible Green 525 nm
SM312CVG
49 mm (1.9 in) Focus
SM312CV2G
GLASS FIBER
Glass Fiber Optic
Range varies, depending on sensing mode
and fiber optics used.
Infrared 880 nm
SM312F
Visible Red 650 nm
SM312FV
Visible Blue 475 nm
SM312FVB
Visible Green 525 nm SM312FVG
PLASTIC FIBER
Plastic Fiber Optic
Visible Red 650 nm
SM312FP
Visible Blue 475 nm
SM312FPB
Visible Green 525 nm SM312FPG
Special High-Power Option Plastic Fiber
Optic
Visible Red 650 nm
SM312FPH
Standard 2 m (6.5') cable models are listed.
• 9 m (30') cable: add suffix “W/30” (e.g., SM31EW/30).
• 4-pin Euro QD models: add suffix “QD” (e.g., SM31EQD).
• 150 mm (6") QD Pigtail: add suffix “QDP” (e.g., SM31EQDP).
For a 0.3 ms response: add suffix “MHS” (eg., SM31EMHS).
MINI-BEAM dc-Voltage Series
P/N 69943 rev. C
6/19/2012


Similar Part No. - SM312CV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM312CV ETC2-SM312CV Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312CV ETC2-SM312CV Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
SM312CV ETC2-SM312CV Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
logo
Banner Engineering Corp...
SM312CV BANNER-SM312CV Datasheet
582Kb / 10P
   DC Voltage Series
logo
List of Unclassifed Man...
SM312CV-V01 ETC-SM312CV-V01 Datasheet
1Mb / 14P
   MINI-BEAM® DC Voltage Series Sensor
More results

Similar Description - SM312CV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM312LVMHS ETC2-SM312LVMHS Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312WQD ETC2-SM312WQD Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312CV-V01 ETC-SM312CV-V01 Datasheet
1Mb / 14P
   MINI-BEAM® DC Voltage Series Sensor
logo
Banner Engineering Corp...
SME312 BANNER-SME312 Datasheet
1Mb / 13P
   MINI-BEAM SME312 Expert Series
logo
Ledil, Inc.
C13253 LEDIL-C13253_18 Datasheet
5Mb / 11P
   Mini reflector with ~60째 wide beam
CA13636 LEDIL-CA13636 Datasheet
3Mb / 7P
   Mini reflector with ~72째 wide beam.
logo
Premier Magnetics, Inc.
S3AS050520 PMI-S3AS050520 Datasheet
67Kb / 7P
   MINI DC/DC CONVERTERS
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
OSRAM GmbH
SFH-4451 OSRAM-SFH-4451 Datasheet
728Kb / 13P
   Narrow beam LED in Mini MIDLED package
logo
List of Unclassifed Man...
DL50 ETC2-DL50 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com