Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2633 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2633 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2633 Datasheet HTML 4Page - Texas Instruments LM2633 Datasheet HTML 5Page - Texas Instruments LM2633 Datasheet HTML 6Page - Texas Instruments LM2633 Datasheet HTML 7Page - Texas Instruments LM2633 Datasheet HTML 8Page - Texas Instruments LM2633 Datasheet HTML 9Page - Texas Instruments LM2633 Datasheet HTML 10Page - Texas Instruments LM2633 Datasheet HTML 11Page - Texas Instruments LM2633 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
LM2633
SNVS139C – MAY 2004 – REVISED APRIL 2005
www.ti.com
Absolute Maximum Ratings
(1)
Voltages from the indicated pins to GND/PGND:
VIN, KS1, KS2, SW1, SW2
−0.3V to 31V
ILIM1, ILIM2
−0.3V to 31V
VID0-VID4
−0.3V to 5V
VLIN, VDD1, VDD2, PGOOD
−0.3V to 6V
FB1, FB2, SENSE2, G3, FB3, OUT3
−0.3V to 6V
CBOOT1
−0.3V to SW1+ 7V
CBOOT2
−0.3V to SW2+ 7V
ON/SS1, ON/SS2
−0.3V to 5V
FPWM
−0.3V to 7V
Power Dissipation (TA = 25°C)
(2)
1.56W
Junction Temperature
+150°C
ESD Rating (3)
2kV
Ambient Storage Temperature Range
−65°C to +150°C
Soldering Dwell Time, Temperature (4)
Wave
4 sec, 260°C
Infrared
10sec, 240°C
Vapor Phase
75sec, 219°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics table.
(2)
Maximum allowable power dissipation is calculated by using PDMAX = (TJMAX - TA)/θJA, where TJMAX is the maximum junction
temperature, TA is the ambient temperature and θJA is the junction-to-ambient thermal resistance of the specified package. The 1.56W
rating results from using 150°C, 25°C, and 80°C/W for TJMAX, TA, and θJA respectively. A θJA of 90°C/W represents the worst-case
condition of no heat sinking of the 48-pin TSSOP. Heat sinking allows the safe dissipation of more power. The Absolute Maximum
power dissipation should be derated by 12.5mW per °C above 25°C ambient. The LM2633 actively limits its junction temperature to
about 150°C.
(3)
Except for ILIM1 and ILIM2 pins, which are 1.5kV. For testing purposes, ESD was applied using the human-body model, a 100pF
capacitor discharged through a 1.5k
Ω resistor.
(4)
For detailed information on soldering plastic small-outline packages, refer to the Packaging Databook available from National
Semiconductor Corporation.
Operating Ratings
(1)
VIN (VIN and VLIN5 tied together)
4.5V to 5.5V
VIN (VIN and VLIN5 separate)
5.0V to 30V
Junction Temperature 1
0°C to +125°C
Junction Temperature 2
−40°C to +125°C
VDD1, VDD2
4.5V to 5.5V
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics table.
8
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2633


Similar Part No. - LM2633

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
LM2633MTD NSC-LM2633MTD Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Texas Instruments
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
More results

Similar Description - LM2633

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Texas Instruments
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Intersil Corporation
IPM6210A INTERSIL-IPM6210A Datasheet
658Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Renesas Technology Corp
IPM6210A RENESAS-IPM6210A Datasheet
860Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Aug 2001
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com