Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3108 Datasheet(PDF) 3 Page - NEC

Part # 2SK3108
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3108 Datasheet(HTML) 3 Page - NEC

  2SK3108 Datasheet HTML 1Page - NEC 2SK3108 Datasheet HTML 2Page - NEC 2SK3108 Datasheet HTML 3Page - NEC 2SK3108 Datasheet HTML 4Page - NEC 2SK3108 Datasheet HTML 5Page - NEC 2SK3108 Datasheet HTML 6Page - NEC 2SK3108 Datasheet HTML 7Page - NEC 2SK3108 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D13331EJ1V0DS00
3
2SK3108
TYPICAL CHARACTERISTICS (TA = 25°C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS
- Drain to Source Voltage - V
30
25
20
15
10
5
0
Pulsed
0 2 4 68 10 12 14 16 18 20 22 24 26 28 30
VGS = 10 V
VGS = 30 V
FORWARD TRANSFER CHARACTERISTICS
VGS
- Gate to Source Voltage - V
100
10
1
0.1
0.01
0.001
Pulsed
0
VDS = 10 V
1 2 34 5 67 8 910 11 12
Tch =125˚C
75˚C
25˚C
-25˚C
13 14 15 16
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
− 50
50
100
0
150
5.0
4.5
4.0
3.5
3.0
2.5
2.0
− 25
25
75
125
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID- Drain Current - A
0.1
10
1
0.1
0.01
1
100
0.01
10
VDS =10 V
Pulsed
Tch = -25˚C
Tch = 25˚C
Tch = 75˚C
Tch = 125˚C
Pulsed
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
1.0
0.8
0.6
0.4
0.2
0
0
24
6
810 12
14
16
18
20
ID = 8.0 A
4.0 A
1.6 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
1
10
100
Pulsed
1.0
0.8
0.6
0.4
0.2
0
0.1
VGS = 10 V
VGS = 30 V
5


Similar Part No. - 2SK3108

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3108 RENESAS-2SK3108 Datasheet
234Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3108

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com