Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2771 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM2771
Description  Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2771 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2771 Datasheet HTML 4Page - Texas Instruments LM2771 Datasheet HTML 5Page - Texas Instruments LM2771 Datasheet HTML 6Page - Texas Instruments LM2771 Datasheet HTML 7Page - Texas Instruments LM2771 Datasheet HTML 8Page - Texas Instruments LM2771 Datasheet HTML 9Page - Texas Instruments LM2771 Datasheet HTML 10Page - Texas Instruments LM2771 Datasheet HTML 11Page - Texas Instruments LM2771 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LM2771
SNVS435 – MARCH 2006
www.ti.com
THERMAL SHUTDOWN
Protection from damage related to overheating is achieved with a thermal shutdown feature. When the junction
temperature rises to 150ºC (typ.), the part switches into shutdown mode. The LM2771 disengages thermal
shutdown when the junction temperature of the part is reduced to 140ºC (typ.). Due to the high efficiency of the
LM2771, thermal shutdown and/or thermal cycling should not be encountered when the part is operated within
specified input voltage, output current, and ambient temperature operating ratings. If thermal cycling is seen
under these conditions, the most likely cause is an inadequate PCB layout that does not allow heat to be
sufficiently dissipated out of the WSON package.
CURRENT LIMIT PROTECTION
The LM2771 charge pump contains current limit protection circuitry that protects the device during VOUT fault
conditions where excessive current is drawn. Output current is limited to 500mA (typ).
Application Information
RECOMMENDED CAPACITOR TYPES
The LM2771 requires 3 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors
are recommended. These capacitors are small, inexpensive and have very low equivalent series resistance
(ESR,
≤ 15mΩ typ.). Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic capacitors generally
are not recommended for use with the LM2771 due to their high ESR, as compared to ceramic capacitors.
For most applications, ceramic capacitors with an X7R or X5R temperature characteristic are preferred for use
with the LM2771. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over -55ºC to 125ºC; X5R: ±15% over -55ºC to 85ºC).
Capacitors with a Y5V or Z5U temperature characteristic are generally not recommended for use with the
LM2771. These types of capacitors typically have wide capacitance tolerance (+80%, -20%) and vary
significantly over temperature (Y5V: +22%, -82% over -30ºC to +85ºC range; Z5U: +22%, -56% over +10ºC to
+85ºC range). Under some conditions, a 1µF-rated Y5V or Z5U capacitor could have a capacitance as low as
0.1µF. Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum
capacitance requirements of the LM2771.
Net capacitance of a ceramic capacitor decreases with increased DC bias. This degradation can result in lower
capacitance than expected on the input and/or output, resulting in higher ripple voltages and currents. Using
capacitors at DC bias voltages significantly below the capacitor voltage rating will usually minimize DC bias
effects. Consult capacitor manufacturers for information on capacitor DC bias characteristics.
Capacitance characteristics can vary quite dramatically with different application conditions, capacitor types, and
capacitor manufacturers. It is strongly recommended that the LM2771 circuit be thoroughly evaluated early in the
design-in process with the mass-production capacitors of choice. This will help ensure that any such variability in
capacitance does not negatively impact circuit performance.
The table below lists some leading ceramic capacitor manufacturers.
Manufacturer
Contact Information
AVX
www.avx.com
Murata
www.murata.com
Taiyo-Yuden
www.t-yuden.com
TDK
www.component.tdk.com
Vishay-Vitramon
www.vishay.com
8
Submit Documentation Feedback
Copyright © 2006, Texas Instruments Incorporated
Product Folder Links: LM2771


Similar Part No. - LM2771

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2771SD NSC-LM2771SD Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2771SDX NSC-LM2771SDX Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
More results

Similar Description - LM2771

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
[Old version datasheet]   Low-Ripple Switched Capacitor Step-Down Regulator
logo
ams AG
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
   650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334 AMSCO-AS1334 Datasheet
1Mb / 17P
   650mA, Ultra low Ripple Step Down DC/DC Converter
logo
Texas Instruments
LM2772 TI-LM2772_15 Datasheet
2Mb / 17P
[Old version datasheet]   LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
logo
Linear Technology
LTC1514-5 LINER-LTC1514-5_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
215Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
   SWITCHED CAPACITOR DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com