Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP486CT-L Datasheet(PDF) 5 Page - Exar Corporation

Part # SP486CT-L
Description  Quad RS-485/RS-422 Line Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP486CT-L Datasheet(HTML) 5 Page - Exar Corporation

  SP486CT-L Datasheet HTML 1Page - Exar Corporation SP486CT-L Datasheet HTML 2Page - Exar Corporation SP486CT-L Datasheet HTML 3Page - Exar Corporation SP486CT-L Datasheet HTML 4Page - Exar Corporation SP486CT-L Datasheet HTML 5Page - Exar Corporation SP486CT-L Datasheet HTML 6Page - Exar Corporation SP486CT-L Datasheet HTML 7Page - Exar Corporation SP486CT-L Datasheet HTML 8Page - Exar Corporation SP486CT-L Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP486_487_00_066
PIN FUNCTION
SP487
Pin Function SP487
Pin  - DI
 - Driver  Input - If driver  output is
enabled, a logic 0 on DI
 forces driver output DOA
low and DO
B high. A logic  on DI with driver 
output enabled forces driver DO
A high and DOB
low.
Pin 2 - DO
A - Driver  output A.
Pin 3 - DO
B - Driver  output B.
Pin 4 - EN
/EN2 - Driver  and 2 Output Enable;
Please refer to SP487 truth table (2).
Pin 5 - DO
2B - Driver 2 output B.
Pin 6 - DO
2A - Driver 2 output A.
Pin 7 - DI
2 - Driver 2 Input - If driver 2 output is
enabled, a logic 0 on DI
2 forces driver output DO2A
low and DO
2B high. A logic  on DI2 with driver 2
output enabled forces driver DO
2A high and DO2B
low.
Pin 8 - GND - Ground.
Pin 9 - DI
3 - Driver 3 Input - If driver 3 output is
enabled, a logic 0 on DI
 forces driver output DO3A
low and DO
3B high. A logic  on DI3 with driver 3
output enabled forces driver DO
3A high and DO3B
low.
Pin 0 - DO
3A - Driver 3 output A.
Pin  - DO
3B - Driver 3 output B.
Pin 2 - EN
3/EN4 - Driver 3 and 4 Output Enable;
Please refer to SP487 truth table (2)..
Pin 3 - DO
4B - Driver 4 output B.
Pin 4 - DO
4A - Driver 4 output A.
Pin 5 - DI
4 - Driver 4 Input - If driver 4 output is
enabled, a logic 0 on DI
4 forces driver output DO4A
low and DO
4B high. A logic  on DI4 with driver 4
output enabled forces driver DO
4A high and DO4B
low.
Pin 16 - Supply Voltage - +4.75V ≤ Vcc ≤ +5.25V.


Similar Part No. - SP486CT-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP486CT SIPEX-SP486CT Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
SP486CT SIPEX-SP486CT Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
More results

Similar Description - SP486CT-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
   RS-485/RS-422 Quad Differential Line Drivers
logo
Sipex Corporation
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
   Enhanced Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
   Enhanced Quad RS-485/RS-422 Line Drivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Drivers
logo
Sipex Corporation
SP3486 SIPEX-SP3486 Datasheet
185Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
   Quad RS-485/RS-422 Line Receivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
   Quad RS-485/RS-422 Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com