Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAF42 Datasheet(PDF) 3 Page - Texas Instruments

Part # UAF42
Description  UNIVERSAL ACTIVE FILTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UAF42 Datasheet(HTML) 3 Page - Texas Instruments

  UAF42_14 Datasheet HTML 1Page - Texas Instruments UAF42_14 Datasheet HTML 2Page - Texas Instruments UAF42_14 Datasheet HTML 3Page - Texas Instruments UAF42_14 Datasheet HTML 4Page - Texas Instruments UAF42_14 Datasheet HTML 5Page - Texas Instruments UAF42_14 Datasheet HTML 6Page - Texas Instruments UAF42_14 Datasheet HTML 7Page - Texas Instruments UAF42_14 Datasheet HTML 8Page - Texas Instruments UAF42_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
UAF42
www.ti.com
SBFS002B – JULY 1992 – REVISED OCTOBER 2010
ELECTRICAL CHARACTERISTICS
At TA = +25°C, and VS = ±15V, unless otherwise noted.
UAF42AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
FILTER PERFORMANCE
Frequency Range, fn
0 to 100
kHz
Frequency Accuracy
f = 1kHz
1
%
vs Temperature
0.01
%/°C
Maximum Q
400
Maximum (Q • Frequency) Product
500
kHz
Q vs Temperature
0.01
%/°C
(fO • Q) < 10
4
0.025
%/°C
(fO • Q) < 10
5
Q Repeatability
2
%
(fO • Q) < 10
5
Offset Voltage, Low-Pass Output
±5
mV
Resistor Accuracy
0.5
1
%
OFFSET VOLTAGE(1)
Input Offset Voltage
±0.5
±5
mV
vs Temperature
±3
mV/°C
vs Power Supply
VS = ±6V to ±18V
80
96
dB
INPUT BIAS CURRENT(1)
Input Bias Current
VCM = 0V
10
50
pA
Input Offset Current
VCM = 0V
5
pA
NOISE
Input Voltage Noise
Noise Density: f = 10Hz
25
nV/
√Hz
Noise Density: f = 10kHz
10
nV/
√Hz
Voltage Noise: BW = 0.1Hz to 10Hz
2
mVPP
Input Bias Current Noise
Noise Density: f = 10kHz
2
fA/
√Hz
INPUT VOLTAGE RANGE(1)
Common-Mode Input Range
±11.5
V
Common-Mode Rejection
VCM = ±10V
80
96
dB
INPUT IMPEDANCE(1)
Differential
Ω || pF
1013|| 2
Common-Mode
Ω || pF
1013|| 6
OPEN-LOOP GAIN(1)
Open-Loop Voltage Gain
VO = ±10V, RL= 2kΩ
90
126
dB
FREQUENCY RESPONSE
Slew Rate
10
V/ms
Gain-Bandwidth Product
G = +1
4
MHz
Total Harmonic Distortion
G = +1, f = 1kHz
0.1
%
OUTPUT(1)
Voltage Output
RL = 2kΩ
±11
±11.5
V
Short Circuit Current
±25
mA
(1)
Specifications apply to uncommitted op amp, A4. The three op amps forming the filter are identical to A4 but are tested as a complete
filter.
Copyright © 1992–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UAF42


Similar Part No. - UAF42_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
UAF42AP BURR-BROWN-UAF42AP Datasheet
149Kb / 6P
   UNIVERSAL ACTIVE FILTER
logo
Texas Instruments
UAF42AP TI1-UAF42AP Datasheet
273Kb / 13P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
UAF42AP-1 TI1-UAF42AP-1 Datasheet
273Kb / 13P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
UAF42APG4 TI1-UAF42APG4 Datasheet
273Kb / 13P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
logo
Burr-Brown (TI)
UAF42AU BURR-BROWN-UAF42AU Datasheet
149Kb / 6P
   UNIVERSAL ACTIVE FILTER
More results

Similar Description - UAF42_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UAF42 TI1-UAF42 Datasheet
273Kb / 13P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
logo
Burr-Brown (TI)
UAF42 BURR-BROWN-UAF42 Datasheet
149Kb / 6P
   UNIVERSAL ACTIVE FILTER
logo
National Semiconductor ...
AF100 NSC-AF100 Datasheet
578Kb / 18P
   UNIVERSAL ACTIVE FILTER
AF151 NSC-AF151 Datasheet
268Kb / 9P
   DUAL UNIVERSAL ACTIVE FILTER
logo
Mixed Signal Integratio...
MSUF MSI-MSUF Datasheet
709Kb / 8P
   Resistor Programmable Universal Active Filter
MSUHF MSI-MSUHF Datasheet
80Kb / 7P
   High Frequency Resistor Programmable Universal Active Filter
logo
Burr-Brown (TI)
UAF42 BURR-BROWN-UAF42 Datasheet
569Kb / 14P
   FILTER DESIGN PROGRAM FOR THE UAF42 UNIVERSAL ACTIVE FILTER
UAF11 BURR-BROWN-UAF11 Datasheet
680Kb / 8P
   UNIVERSAL ACTIVE FILTERS
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com